Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4401 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4401
Description  800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4401 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4401 Datasheet HTML 4Page - Linear Technology LTC4401 Datasheet HTML 5Page - Linear Technology LTC4401 Datasheet HTML 6Page - Linear Technology LTC4401 Datasheet HTML 7Page - Linear Technology LTC4401 Datasheet HTML 8Page - Linear Technology LTC4401 Datasheet HTML 9Page - Linear Technology LTC4401 Datasheet HTML 10Page - Linear Technology LTC4401 Datasheet HTML 11Page - Linear Technology LTC4401 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LT5516
11
5516f
APPLICATIO S I FOR ATIO
11
10
LO
J2
T2
LDB31900M20C-416
VCC
LO+
LO–
5516 F06
200
Ω
2.44V
2.44V
L4
27nH
6
2
4
1
3
C2
1nF
15
16
VCC
5pF
IOUT
+
IOUT
–
5516 F07
13
14
5pF
QOUT
+
QOUT
–
60
Ω
60
Ω
60
Ω
60
Ω
Figure 6. LO Input Equivalent Circuit with External Matching
Figure 7. I/Q Output Equivalent Circuit
PACKAGE DESCRIPTIO
UF Package
16-Lead Plastic QFN (4mm
× 4mm)
(Reference LTC DWG # 05-08-1692)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
4.00
± 0.10
(4 SIDES)
NOTE:
1. DRAWING CONFORMS TO JEDEC PACKAGE OUTLINE MO-220 VARIATION (WGGC)
2. ALL DIMENSIONS ARE IN MILLIMETERS
3. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
4. EXPOSED PAD SHALL BE SOLDER PLATED
PIN 1
TOP MARK
0.55
± 0.20
16
15
1
2
BOTTOM VIEW—EXPOSED PAD
2.15
± 0.10
(4-SIDES)
0.75
± 0.05
R = 0.115
TYP
0.30
± 0.05
0.65 BSC
0.200 REF
0.00 – 0.05
(UF) QFN 0802
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
0.72
±0.05
0.30
±0.05
0.65 BSC
2.15
± 0.05
(4 SIDES)
2.90
± 0.05
4.35
± 0.05
PACKAGE OUTLINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com