Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54HC299 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC299
Description  8-Bit TRI-STATEÉ Universal Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC299 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54HC299 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics VCC 5V TA 25 C tr tf 6 ns CL 45 pF
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Operating
MHz
Frequency
tPHL tPLH
Maximum Propagation
ns
Delay Clock to QA or QH
tPHL
Maximum Propagation
ns
Delay Clear to QA or QH
tPHL tPLH
Maximum Propagation
CL
pF
ns
Delay Clock to QA QH
tPHL
Maximum Propagation
CL
pF
ns
Delay Clear to QA QH
tPZL tPZH
Maximum Enable Time
CL
pF
ns
RL
kX
tPHZ tPLZ
Maximum Disable Time
CL
pF
ns
RL
kX
tS
Minimum Setup
Select
ns
Time
Data
ns
tH
Minimum Hold
Select
ns
Time
Data
ns
tW
Minimum Pulse Width
ns
tREM
Clear Removal Time
ns
AC Electrical Characteristics CL 50 pF tr tf 6 ns unless otherwise specified
TA 25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TA b40 to 85 CTA b55 to 125 C
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating Frequency
V
MHz
V
MHz
V
MHz
tPHL tPLH
Maximum Propagation
V
ns
Delay Clock to QA or QH
V
ns
V
ns
tPHL
Maximum Propagation
V
ns
Delay Clear to QA or QH
V
ns
V
ns
tPHL tPLH
Maximum Propagation
CL
pF
V
ns
Delay Clock to QA QH
CL
pF
V
ns
CL
pF
V
ns
CL
pF
V
ns
CL
pF
V
ns
CL
pF
V
ns
tPHL
Maximum Propagation
CL
pF
V
ns
Delay Clear to QA QH
CL
pF
V
ns
CL
pF
V
ns
CL
pF
V
ns
CL
pF
V
ns
CL
pF
V
ns
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com