Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54HC299 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC299
Description  8-Bit TRI-STATEÉ Universal Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC299 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM54HC299 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristic (Continued) CL 50 pF tr tf 6 ns unless otherwise specified
TA 25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TA b40 to 85 CTA b55 to 125 C Units
Typ
Guaranteed Limits
tPZH tPZL Maximum Output Enable
RL 1kX
CL 50 pF
20V
70
160
200
225
ns
CL 150 pF
20V
90
220
275
310
ns
CL 50 pF
45V
22
32
40
45
ns
CL 150 pF
45V
30
44
55
62
ns
CL 50 pF
60V
19
28
34
38
ns
CL 150 pF
60V
24
47
47
51
ns
tPHZ tPLZ Maximum Output Disable Time RL 1kX
20V
70
160
200
225
ns
CL 50 pF
45V
22
32
40
45
ns
60V
19
28
34
38
ns
tS
Minimum Setup Time
20V
100
125
140
ns
Data Select SL or SR
45V
20
25
28
ns
60V
17
21
25
ns
tH
Minimum Hold Time
20V
0
0
0
ns
Data Select SL or SR
45V
0
0
0
ns
60V
0
0
0
ns
tREM
Minimum Clear Removal Time
20V
10
10
10
ns
45V
10
10
10
ns
60V
10
10
10
ns
tW
Minimum Pulse Width
20V
100
125
140
ns
Clock and Clear
45V
20
25
28
ns
60V
17
21
25
ns
tr tf
Maximum Input Rise
20V
1000
1000
100
ns
and Fall Time
45V
500
500
500
ns
60V
400
400
400
ns
tTHL tTLH Maximum Output Rise
20V
60
75
90
ns
and Fall Time Clock
45V
12
15
18
ns
60V
10
13
15
ns
CPD
Power Dissipation
Outputs Enabled
240
pF
Capacitance
Outputs Disabled
110
pF
CIN
Maximum Input Capacitance
5
10
10
10
pF
Capacitance
COUT
Maximum TRI-STATE
15
20
20
20
pF
Output Capacitance
Note 5
CPD determines the no load dynamic power consumption PD CPD VCC2 faICC VCC and the no load dynamic current consumption
IS CPD VCC faICC
Function Table
Inputs
InputsOutputs
Outputs
Function
Output
Mode
Clear
Select
Control
Clock
Serial AQA BQB CQC DQD EQE FQF GQG HQH QA’ QH’
S1
S0
G1
G2
SL SR
Clear
LX
L
L
L
X
X
X
L
L
L
L
L
L
L
L
L
L
LL
X
L
L
X
X
X
L
L
L
L
L
L
L
L
L
L
Hold
HL
L
L
L
X
X
X
QA0
QB0
QC0
QD0
QE0
QF0
QG0
QH0 QA0 QH0
HX
X
L
L
L or H
X
X
QA0
QB0
QC0
QD0
QE0
QF0
QG0
QH0 QA0 QH0
Shift Right
HL
H
L
L
u
XH
H
QAn
QBn
QCn
QDn
QEn
QFn
QGn
HQGN
HL
H
L
L
u
XL
L
QAn
QBn
QCn
QDn
QEn
QFn
QGn
LQGN
Shift Left
HH
L
L
L
u
HX
QBn
QCn
QDn
QEn
QFn
QGn
QHn
HQBn
H
HH
L
L
L
u
LX
QBn
QCn
QDn
QEn
QFn
QGn
QHn
LQBn
L
Load
H
H
H
X
X
u
XX
a
b
c
d
e
f
g
h
a
h
When one or both controls are high the eight inputoutput terminals are disabled to the high-impedance state however sequential operation or clearing of
the register is not affected
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com