Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54HC299 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC299
Description  8-Bit TRI-STATEÉ Universal Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC299 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC299 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC299 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5207
January 1988
MM54HC299MM74HC299
8-Bit TRI-STATE
Universal Shift Register
General Description
This 8-bit TRI-STATE shiftstorage register utilizes advanced
silicon-gate CMOS technology Along with the low power
consumption and high noise immunity of standard CMOS
integrated circuits it has the ability to drive 15 LS-TTL
loads This circuit also features operating speeds compara-
ble to the equivalent low power Schottky device
The MM54HC299MM74HC299 features multiplexed in-
putsoutputs to achieve full 8-bit data handling in a single
20-pin package Due to the large output drive capability and
TRI-STATE feature this device is ideally suited for interfac-
ing with bus lines in a bus oriented system
Two function select inputs and two output control inputs are
used to choose the mode of operation as listed in the func-
tion table Synchronous parallel loading is accomplished by
taking both function select lines S0 and S1 high This places
the TRI-STATE outputs in a high impedance state which
permits data applied to the inputoutput lines to be clocked
into the register Reading out of the register can be done
while the outputs are enabled in any mode A direct overrid-
ing CLEAR input is provided to clear the register whether
the outputs are enabled or disabled
The 54HC74HC logic family is functionally as well as pinout
compatible with the standard 54LS74LS logic family All
inputs are protected from damage due to static discharge by
internal diode clamps to VCC and ground
Features
Y
Typical operating frequency 40 MHz
Y
Typical propagation delay 20 ns
Y
Low quiescent current 80 mA maximum (74HC)
Y
High output drive for bus applications
Y
Low quiescent current 1 mA maximum
Connection Diagram
Dual-In-Line Package
TLF5207 1
Order Number MM54HC299 or MM74HC299
TRI STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD B30M105Printed in U S A


Similar Part No. - MM54HC299

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC20 NSC-MM54HC20 Datasheet
123Kb / 4P
Dual 4-Input NAND Gate
MM54HC20J NSC-MM54HC20J Datasheet
123Kb / 4P
Dual 4-Input NAND Gate
MM54HC20N NSC-MM54HC20N Datasheet
123Kb / 4P
Dual 4-Input NAND Gate
MM54HC237 NSC-MM54HC237 Datasheet
151Kb / 6P
3-to-8 Line Decoder With Address Latches
MM54HC237J NSC-MM54HC237J Datasheet
151Kb / 6P
3-to-8 Line Decoder With Address Latches
More results

Similar Description - MM54HC299

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS195A MOTOROLA-SN54LS195A Datasheet
220Kb / 6P
UNIVERSAL 4-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10141 ONSEMI-MC10141 Datasheet
123Kb / 6P
Four Bit Universal Shift Register
1996 REV 5
logo
NXP Semiconductors
74F166 PHILIPS-74F166 Datasheet
94Kb / 12P
8-bit bidirectional universal shift register
1991 Feb 14
74F198 PHILIPS-74F198 Datasheet
95Kb / 12P
8-bit bidirectional universal shift register
1987 Oct 02
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
8-bit universal shift register; 3-state
December 1990
logo
National Semiconductor ...
DM86LS62 NSC-DM86LS62 Datasheet
157Kb / 8P
Dual Rank 8-Bit TRI-STATE Shift Register
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
8-bit universal shift register; 3-state
Rev. 03-28 July 2008
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com