Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST8034P Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST8034P
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034P Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST8034P Datasheet HTML 23Page - STMicroelectronics ST8034P Datasheet HTML 24Page - STMicroelectronics ST8034P Datasheet HTML 25Page - STMicroelectronics ST8034P Datasheet HTML 26Page - STMicroelectronics ST8034P Datasheet HTML 27Page - STMicroelectronics ST8034P Datasheet HTML 28Page - STMicroelectronics ST8034P Datasheet HTML 29Page - STMicroelectronics ST8034P Datasheet HTML 30Page - STMicroelectronics ST8034P Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Functional description
ST8034T, ST8034AT, ST8034P, ST8034C
28/40
DocID024587 Rev 4
6.7
Deactivation sequence
When a session ends, the microcontroller sets CMDVCC high. The ST8034 device then
executes an automatic deactivation sequence by counting the sequencer back to the
inactive state (see Figure 13):
1.
RST goes low (t11).
2.
The clock is stopped, CLK is low (t12).
3.
I/O is pulled low (t13).
4.
VCC falls to 0 V (t14). The deactivation sequence is completed when VCC reaches its
inactive state.
5.
VCC < 0.4 V (tDEACT).
6.
All card contacts become low impedance to GND. The I/OUC pin remains pulled up to
VDD(INTF) by the internal 10 k pull-up resistor.
7.
The internal oscillator returns to its low frequency mode.
Time delays
t11 = t10 + 3T / 64
t12 = t11 + T / 2
t13 = t11 + T
t14 = t11 + 3T / 2
tDEACT = t11 + 3T / 2 + VCC fall time.
T = 64 x 1/fOSC(INT)
Figure 13. Deactivation sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com