Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST8034P Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST8034P
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034P Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST8034P Datasheet HTML 31Page - STMicroelectronics ST8034P Datasheet HTML 32Page - STMicroelectronics ST8034P Datasheet HTML 33Page - STMicroelectronics ST8034P Datasheet HTML 34Page - STMicroelectronics ST8034P Datasheet HTML 35Page - STMicroelectronics ST8034P Datasheet HTML 36Page - STMicroelectronics ST8034P Datasheet HTML 37Page - STMicroelectronics ST8034P Datasheet HTML 38Page - STMicroelectronics ST8034P Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Package information
ST8034T, ST8034AT, ST8034P, ST8034C
36/40
DocID024587 Rev 4
Figure 22. Recommended footprint QFN16 - 3 x 3 x 0.8 mm, 0.5 mm pitch
Table 16. QFN16 - 3 x 3 x 0.8 mm, 0.5 mm pitch package mechanical data(1), (2), (3)
1. The lead size is comprehensive of the thickness of the lead finishing material.
2. Dimensions do not include mold protrusion, not to exceed 0.15 mm.
3. Package outline exclusive of metal burr dimensions.
Symbol
Dimensions (mm)
Note
Nom.
Min.
Max.
A
0.75
0.70
0.80
A1
0.02
0
0.05
A3
0.20
b
0.25
0.18
0.30
D
32.90
3.10
D2
1.70
1.50
1.80
E
32.90
3.10
E2
1.70
1.50
1.80
e
0.50
L
0.40
0.30
0.50
(4)
4. The value of “L” a JEDEC norm is min. 0.35 - max. 0.45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com