Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST8034P Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST8034P
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034P Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST8034P Datasheet HTML 26Page - STMicroelectronics ST8034P Datasheet HTML 27Page - STMicroelectronics ST8034P Datasheet HTML 28Page - STMicroelectronics ST8034P Datasheet HTML 29Page - STMicroelectronics ST8034P Datasheet HTML 30Page - STMicroelectronics ST8034P Datasheet HTML 31Page - STMicroelectronics ST8034P Datasheet HTML 32Page - STMicroelectronics ST8034P Datasheet HTML 33Page - STMicroelectronics ST8034P Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
DocID024587 Rev 4
31/40
ST8034T, ST8034AT, ST8034P, ST8034C
Functional description
6.10
Card supply voltage (VCC) selection
6.10.1
Automatic determining of card supply voltage (VCC) - all versions
except ST8034P
The supply voltage (VCC) that the card requires is determined automatically by monitoring
the duration of the high state on the CMDVCC pin before the activation command CMDVCC
falling edge occurs. If the CMDVCC pin stays high for more than 30 ms (tW_VCC), the
activation is done with VCC = 5 V. If the CMDVCC pin stays high for less than 15 ms, the
activation is done with VCC = 3 V.
To activate the card at VCC = 5 V, the CMDVCC pin must stay high for tW_VCC > 30 ms
before going low:
Figure 16. Card activation to VCC = 5 V (tW_VCC > 30 ms)
To activate the card at VCC = 3 V, the CMDVCC pin must stay high for tW_VCC < 15 ms
before going low:
Figure 17. Card activation to VCC = 3 V (tW_VCC < 15 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com