Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7468D Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7468D
Description  TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7468D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7468D Datasheet HTML 7Page - STMicroelectronics TDA7468D Datasheet HTML 8Page - STMicroelectronics TDA7468D Datasheet HTML 9Page - STMicroelectronics TDA7468D Datasheet HTML 10Page - STMicroelectronics TDA7468D Datasheet HTML 11Page - STMicroelectronics TDA7468D Datasheet HTML 12Page - STMicroelectronics TDA7468D Datasheet HTML 13Page - STMicroelectronics TDA7468D Datasheet HTML 14Page - STMicroelectronics TDA7468D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
TDA7468
Table 8. INPUT GAIN SELECTION
GAIN = 0 to 30dB
Table 9. SURROUND
MSB
LSB
INPUT GAIN
D7
D6
D5
D4
D3
D2
D1
D0
2dB STEPS
0
0
0
0dB
0
0
1
2dB
0
1
0
4dB
0
1
1
6dB
1
0
0
8dB
1
0
1
10dB
1
1
0
12dB
1
1
1
14dB
MSB
LSB
SURROUND
D7
D6
D5
D4
D3
D2
D1
D0
SURROUND MODE
1ON
0OFF
GAIN
00
0dB
01
6dB
10
9dB
1
1
12dB
MIXING
0
0
0
inverting : 100%
0
0
1
inverting :50%
0
1
0
inverting : 25%
01
1
0%
1
0
0
non-inverting : 100%
1
0
1
non-inverting : 75%
1
1
0
non-inverting : 50%
11
1
mute
BUFFER GAIN
10
06dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com