Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7468D Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7468D
Description  TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7468D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7468D Datasheet HTML 15Page - STMicroelectronics TDA7468D Datasheet HTML 16Page - STMicroelectronics TDA7468D Datasheet HTML 17Page - STMicroelectronics TDA7468D Datasheet HTML 18Page - STMicroelectronics TDA7468D Datasheet HTML 19Page - STMicroelectronics TDA7468D Datasheet HTML 20Page - STMicroelectronics TDA7468D Datasheet HTML 21Page - STMicroelectronics TDA7468D Datasheet HTML 22Page - STMicroelectronics TDA7468D Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19/23
TDA7468
8IC1
Figure 11. PINS: IN1_L, IN1_R, IN2_L, IN2_R,
IN3_L, IN3_R, IN4_L, IN4 _R, IS_L,
IS_R, MIC
Figure 12. PINS: OUT_L, OUT_R, IMUX_L,
MUX_R
Figure 13. PINS: TREBLE_L, TREBLE_R
Figure 14. PINS: SCL, SDA
Figure 15. PINS: BASSI_L, BASSI_R
Figure 16. PINS: BASSO_L, BASSO_R
Figure 17. PIN: ALC
Figure 18. PIN: CREF
20
µA
VS
50K
Vref
D99AU1092
GND
10
Ω
VS
D99AU1093
20
µA
GND
25K
VS
D99AU1094
20
µA
GND
20
µA
VS
D99AU1095
GND
45K
VS
D99AU1096
20
µA
BASSO-L,BASSO-R
GND
45K
VS
D99AU1097
20
µA
BASSI-L,BASSI-R
GND
100K
VS
D99AU1098
20
µA
GND
25K
25K
GND
VS
D99AU1099
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com