Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7468D Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7468D
Description  TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7468D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7468D Datasheet HTML 14Page - STMicroelectronics TDA7468D Datasheet HTML 15Page - STMicroelectronics TDA7468D Datasheet HTML 16Page - STMicroelectronics TDA7468D Datasheet HTML 17Page - STMicroelectronics TDA7468D Datasheet HTML 18Page - STMicroelectronics TDA7468D Datasheet HTML 19Page - STMicroelectronics TDA7468D Datasheet HTML 20Page - STMicroelectronics TDA7468D Datasheet HTML 21Page - STMicroelectronics TDA7468D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
TDA7468
18/23
Table 15. BASS ALC
MSB
LSB
BASS ALC
D7
D6
D5
D4
D3
D2
D1
D0
ALC Mode
1ON
0OFF
Detector
1ON
0OFF
Release Current Circuit
1ON
0OFF
Attack Time Resistor
0
0
12.5K
Ω
0
1
25K
Ω
1
0
50K
Ω
1
1
100K
Ω
Threshold
0
0
700mVrms
0
1
485mVrms
1
0
320mVrms
1
1
170mVrms
Attack Mode
0
MODE 1: Fixed Resistor
1
MODE 2: Adaptive
Figure 9. BASS ALC : Threshold curve
Figure 10. BASS ALC : THD
0.1
1
0.01
0.1
1
VO
(VRMS)
VIN(VRMS)
D00AU1100
Supply Voltage : 9.0V
Frequency : 60Hz
Bassfilter : 60Hz/28dB boost
Internal release circuit : ON
Attack mode : 12.5kohm, mode2(adaptive)
Threshold1
Threshold2
Threshold4
Threshold3
0.001
0.01
0.1
1
10
0.01
0.1
1VIN(VRMS)
THD
[%]
Supply Voltage : 9.0V
Frequency : 60Hz
Bassfilter : 60Hz/28dB boost
Internal release circuit : ON
Attack mode : 12.5kohm, mode2(adaptive)
D99AU1101A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com