Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIPSZ2012D3R3 Datasheet(PDF) 26 Page - STMicroelectronics

Part # MIPSZ2012D3R3
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIPSZ2012D3R3 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button MIPSZ2012D3R3 Datasheet HTML 22Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 23Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 24Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 25Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 26Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 27Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 28Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 29Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
Application information
TS4621B
26/48
Doc ID 022194 Rev 2
Table 11.
Control registers at power-up
Writing to the control registers
To write data to the TS4621B, after the "start" message the MCU must:
send the I²C 7-bit slave address and a low level for the R/W bit.
send the register address to write to.
send the data bytes (control register settings).
All bytes are sent MSB first. The transfer of written data ends with a "stop" message. When
transmitting several data bytes, the data can be written without having to repeat the "start"
message or send the byte with the slave address. If several bytes are transmitted, they will
be written repeatedly to CR1, CR2 and CR3.
Figure 72.
I²C write operations
Reading from the control registers
To read data from the TS4621B, after the "start" message the MCU must:
send the I²C 7-bit slave address and a low level for the R/W bit.
send the register address to read.
send the I²C 7-bit slave address and a high level for the R/W bit.
receive the data (control register value).
All bytes are read MSB first. The transfer of read data ends with a "stop" message. When
transmitting several data bytes, the data can be read without having to repeat the "start"
message or send the byte with the slave address. If several bytes are transmitted, they are
read repeatedly from CR1, CR2, CR3 and CR4.
Description
Register
address
D7
D6
D5
D4
D3
D2
D1
D0
CR1
1
0
0
0
0
0
0
0
1
CR2
2
1
1
0
0
0
0
0
0
CR3
3
0
0
0
0
0
0
0
0
CR4
4
0
1
0
0
0
0
0
0
SDA
S
11
0
0
0
0
ACK
00
A7
D7
A0
A1
ACK
P
Start
condition
SLAVE DEVICE ADDRESS
DATA BYTES
R/W
Acknowledge
from slave
Acknowledge
from slave
Stop
condition
A6
D6
D1 D0
D7 D6
D1 D0
REGISTER ADDRESS
CR X
CRX+1
ACK
ACK
AM06115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com