Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIPSZ2012D3R3 Datasheet(PDF) 36 Page - STMicroelectronics

Part # MIPSZ2012D3R3
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIPSZ2012D3R3 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button MIPSZ2012D3R3 Datasheet HTML 32Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 33Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 34Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 35Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 36Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 37Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 38Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 39Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Application information
TS4621B
36/48
Doc ID 022194 Rev 2
Figure 78.
Typical application schematic with IEC 61000-4-2 ESD protection
By adding this ESD protection, the TS4621B complies with the IEC 61000-4-2 level 4
standard on jack pins. Our demonstration board has been tested using the same conditions
as those outlined in the IEC 61000-4-2 standard. Results may differ depending on the layout
of the PCB.
15 kV (air discharge)
8 kV (contact discharge)
This IPAD has an internal series resistor Rout = 15
Ω +/-20 % and an output capacitor
Cout = 3.2 nF +/-25 %.
4.4.7
Integrated input low-pass filter
The TS4621B has an integrated internal first-order low-pass filter with a -3 dB cutoff
frequency set at 65 kHz and independent of the volume position. This integrated filter is
present on each input and filters any out-of-band audio noise coming from the audio source.
4.5
Single-ended input configuration
The TS4621B can be used in a single-ended input configuration. InR- and InL- or InR+ and
InL+ can be shorted to ground through input capacitors. All Cin capacitors must have the
same value to keep the same PSRR performance as in a differential input configuration.
Figure 79 and Figure 80 show how to connect the TS4621B. Note the ground connection of
each input. To avoid PSRR issues resulting from any ground noise, this connection must be
done on the ground of the audio source and not on the ground of the TS4621B itself.
1
2
3
J1
Cin
1 µF
Cin
1 µF
Cin
1 µF
Cin
1 µF
C12
2.2 µF
Cs
2.2 µF
Css
2.2 µF
Ct
10 µF
L1
3.3 µH
Vbat
I²C Bus
Positive left input
Positive right input
+
-
+
-
I2C
Negative
supply
Positive
Supply
AGnd
C1
C2
SDA
SCL
AVdd
InL-
InL+
InR+
InR-
VoutL
VoutR
CMS
Level
detector
Level
detector
Sw
HpVdd
PVss
Negative right input
Negative left input
A1
2
C
1
C
A2
B2
Gnd
IPad
AM06151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com