Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIPSZ2012D3R3 Datasheet(PDF) 29 Page - STMicroelectronics

Part # MIPSZ2012D3R3
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIPSZ2012D3R3 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button MIPSZ2012D3R3 Datasheet HTML 25Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 26Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 27Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 28Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 29Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 30Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 31Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 32Page - STMicroelectronics MIPSZ2012D3R3 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
TS4621B
Application information
Doc ID 022194 Rev 2
29/48
4.1.3
Control register CR2 - address 2
Mute function: bits MUTE_L and MUTE_R
In the volume register, MUTE_L and MUTE_R are dedicated to enabling the mute function,
independently of the channel. When MUTE_L and MUTE_R are set to 1, the mute function
is enabled on the corresponding channel and the gain is set to -80 dB. When MUTE_L and
MUTE_R are set to 0, the I²C gain level is applied to the channel.
4.1.4
Control register CR3 - address 3
High output impedance mode: bits HiZ_L and HiZ_R
The TS4621B features a high-output impedance mode used, for example, to share the
headphone jack with the audio and composite video signal.
To set this mode, you must set the HIZ bit to 1 for the targeted output in the CR3 register.
At this time, the considered output is in high-impedance mode with the following
characteristics:
Maximum input voltage = -1.8 to +1.8 V
Output impedance = input impedance detected by the video driver. For an example,
refer to Chapter 3: Electrical characteristics on page 10 or Figure 18.
Table 12.
Volume control register CR2 - address 2
Volume control range: -60 dB to +4 dB
D5
D4
D3
D2
D1
Gain
(in dB)
D5
D4
D3
D2
D1
Gain
(in dB)
0000
0
-60 dB
10000
-11 dB
0000
1
-54 dB
10001
-10 dB
0001
0
-50.5 dB
10010
-9 dB
0001
1
-47 dB
10011
-8 dB
0010
0
-43 dB
10100
-7 dB
0010
1
-39 dB
10101
-6 dB
0011
0
-35 dB
10110
-5 dB
0011
1
-31 dB
10111
-4 dB
0100
0
-27 dB
11000
-3 dB
0100
1
-25 dB
11001
-2 dB
0101
0
-23 dB
11010
-1 dB
0101
1
-21 dB
11011
0 dB
0110
0
-19 dB
11100
+1 dB
0110
1
-17 dB
11101
+2 dB
0111
0
-15 dB
11110
+3 dB
0111
1
-13 dB
11111
+4 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com