Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3A3 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 51Page - Renesas Technology Corp S3A3 Datasheet HTML 52Page - Renesas Technology Corp S3A3 Datasheet HTML 53Page - Renesas Technology Corp S3A3 Datasheet HTML 54Page - Renesas Technology Corp S3A3 Datasheet HTML 55Page - Renesas Technology Corp S3A3 Datasheet HTML 56Page - Renesas Technology Corp S3A3 Datasheet HTML 57Page - Renesas Technology Corp S3A3 Datasheet HTML 58Page - Renesas Technology Corp S3A3 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 55 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
2.2.10
VCC Rise and Fall Gradient and Ripple Frequency
Note 1.
When OFS1.LVDAS = 0.
Note 2.
At boot mode, the reset from voltage monitor 0 is disabled regardless of the value of the OFS1.LVDAS bit.
Figure 2.25
Ripple waveform
Table 2.15
Rise and fall gradient characteristics
Conditions: VCC = AVCC0 = 0 to 5.5 V
Item
Symbol Min
Typ
Max
Unit
Test conditions
Power-on VCC
rising gradient
Voltage monitor 0 reset disabled at startup (normal
startup)
SrVCC
0.02
-
2
ms/V
-
Voltage monitor 0 reset enabled at startup*1
0.02
-
-
SCI/USB Boot mode*2
0.02
-
2
Table 2.16
Rising and falling gradient and ripple frequency characteristics
Conditions: VCC = AVCC0 = VCC_USB = 1.6 to 5.5 V
The ripple voltage must meet the allowable ripple frequency fr(VCC) within the range between the VCC upper limit (5.5 V) and lower limit
(1.6 V).
When VCC change exceeds VCC ±10%, the allowable voltage change rising/falling gradient dt/dVCC must be met.
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Allowable ripple frequency
fr (VCC)
--10
kHz
Figure 2.25
Vr (VCC) ≤ VCC × 0.2
--1
MHz
Figure 2.25
Vr (VCC) ≤ VCC × 0.08
--10
MHz
Figure 2.25
Vr (VCC) ≤ VCC × 0.06
Allowable voltage change rising and
falling gradient
dt/dVCC
1.0
-
-
ms/V
When VCC change exceeds VCC ±10%
Vr(VCC)
VCC
1/fr(VCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com