Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ40Z50-R2 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50-R2 Datasheet(HTML) 40 Page - Texas Instruments

Back Button BQ40Z50-R2 Datasheet HTML 36Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 37Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 38Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 39Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 40Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 41Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 42Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 43Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
Sense Resistor
Ground Shield
Filter Circuit
Current Direction
To SRP – SRN pin or HSRP – HSRN pin
RSNS
Current Sensing Direction
PACK +
COMM
PACK –
Copyright © 2016 , Texas Instruments Incorporated
BMU
40
bq40z50-R2
SLUSCS4 – JUNE 2017
www.ti.com
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Layout Guidelines (continued)
Figure 44. Avoid Close Spacing Between High-Current and Low-Level Signal Lines
Kelvin voltage sensing is extremely important in order to accurately measure current and top and bottom cell
voltages. Place all filter components as close as possible to the device. Route the traces from the sense resistor
in parallel to the filter circuit. Adding a ground plane around the filter network can add additional noise immunity.
Figure 45 and Figure 46 demonstrates correct Kelvin current sensing.
Figure 45. Sensing Resistor PCB Layout
Figure 46. Sense Resistor, Ground Shield, and Filter Circuit Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com