Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ40Z50-R2 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50-R2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ40Z50-R2 Datasheet HTML 4Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 5Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 6Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 7Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 8Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 9Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 10Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 11Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
8
bq40z50-R2
SLUSCS4 – JUNE 2017
www.ti.com
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3 Recommended Operating Conditions
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
BAT, VCC, PBI
2.2
26
V
VSHUTDOWN–
Shutdown voltage
VPACK < VSHUTDOWN–
1.8
2.0
2.2
V
VSHUTDOWN+
Start-up voltage
VPACK > VSHUTDOWN– + VHYS
2.05
2.25
2.45
V
VHYS
Shutdown voltage
hysteresis
VSHUTDOWN+ – VSHUTDOWN–
250
mV
VIN
Input voltage range
PACK, SMBC, SMBD, PRES, BTP_IN, DISP
26
V
TS1, TS2, TS3, TS4
VREG
PTC, PTCEN, LEDCNTLA, LEDCNTLB, LEDCNTLC
VBAT
SRP, SRN
–0.2
0.2
VC4
VVC3
VVC3 + 5
VC3
VVC2
VVC2 + 5
VC2
VVC1
VVC1 + 5
VC1
VVSS
VVSS + 5
VO
Output voltage
range
CHG, DSG, PCHG, FUSE
26
V
CPBI
External PBI
capacitor
2.2
µF
TOPR
Operating
temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
bq40z50-R2
UNIT
RSM (QFN)
32 PINS
RθJA, High K
Junction-to-ambient thermal resistance
47.4
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
40.3
°C/W
RθJB
Junction-to-board thermal resistance
14.7
°C/W
ψJT
Junction-to-top characterization parameter
0.8
°C/W
ψJB
Junction-to-board characterization parameter
14.4
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
3.8
°C/W
7.5 Supply Current
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 20 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INORMAL
NORMAL mode
CHG on. DSG on, no Flash write
336
µA
ISLEEP
SLEEP mode
CHG off, DSG on, no SBS communication
75
µA
CHG off, DSG off, no SBS communication
52
ISHUTDOWN
SHUTDOWN mode
1.6
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com