Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F4N Datasheet(PDF) 95 Page - Holtek Semiconductor Inc

Part # HT45F4N
Description  Power Bank Flash MCU
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4N Datasheet(HTML) 95 Page - Holtek Semiconductor Inc

Back Button HT45F4N Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 99Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 170 page
background image
Rev. 1.30
9�
De�e��e� 1�� �01�
Rev. 1.30
95
De�e��e� 1�� �01�
HT45F4N/HT45FH4N
Power Bank Flash MCU
HT45F4N/HT45FH4N
Power Bank Flash MCU
TMnRPH Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
—
—
D9
D8
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
0
Bit7~2
Unimplemented,readas“0”
Bit1~0
TMnRPH:TMnCCRPHighByteRegisterbit1~bit0
TMn10-bitCCRPbit9~bit8
Periodic Type TM Operating Modes
ThePeriodicTypeTMcanoperateinoneoffiveoperatingmodes,CompareMatchOutputMode,
PWMOutputMode,SinglePulseOutputMode,CaptureInputModeorTimer/CounterMode.The
operatingmodeisselectedusingtheTnM1andTnM0bitsintheTMnC1register.
Compare Match Output Mode
Toselectthismode,bitsTnM1andTnM0intheTMnC1register,shouldbeallclearedto00
respectively.Inthismodeoncethecounterisenabledandrunningitcanbeclearedbythree
methods.Theseareacounteroverflow,acomparematchfromComparatorAandacomparematch
fromComparatorP.WhentheTnCCLRbitislow,therearetwowaysinwhichthecountercanbe
cleared.OneiswhenacomparematchoccursfromComparatorP,theotheriswhentheCCRPbits
areallzerowhichallowsthecountertooverflow.HereboththeTnAFandTnPFinterruptrequest
flagsforComparatorAandComparatorPrespectively,willbothbegenerated.
IftheTnCCLRbitintheTMnC1registerishighthenthecounterwillbeclearedwhenacompare
matchoccursfromComparatorA.However,hereonlytheTnAFinterruptrequestflagwillbe
generatedevenifthevalueoftheCCRPbitsislessthanthatoftheCCRAregisters.Thereforewhen
TnCCLRishighnoTnPFinterruptrequestflagwillbegenerated.IntheCompareMatchOutput
Mode,theCCRAcannotbesetto“0”.
Asthenameofthemodesuggests,afteracomparisonismade,theTMoutputpin,willchange
state.TheTMoutputpinconditionhoweveronlychangesstatewhenaTnAFinterruptrequestflag
isgeneratedafteracomparematchoccursfromComparatorA.TheTnPFinterruptrequestflag,
generatedfromacomparematchfromComparatorP,willhavenoeffectontheTMoutputpin.The
wayinwhichtheTMoutputpinchangesstatearedeterminedbytheconditionoftheTnIO1and
TnIO0bitsintheTMnC1register.TheTMoutputpincanbeselectedusingtheTnIO1andTnIO0
bitstogohigh,togolowortotogglefromitspresentconditionwhenacomparematchoccursfrom
ComparatorA.TheinitialconditionoftheTMoutputpin,whichissetupaftertheTnONbitchanges
fromlowtohigh,issetupusingtheTnOCbit.NotethatiftheTnIO1,TnIO0bitsarezerothenno
pinchangewilltakeplace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com