Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F4N Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT45F4N
Description  Power Bank Flash MCU
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4N Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT45F4N Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F4N Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 170 page
background image
Rev. 1.30
38
De�e��e� 1�� �01�
Rev. 1.30
39
De�e��e� 1�� �01�
HT45F4N/HT45FH4N
Power Bank Flash MCU
HT45F4N/HT45FH4N
Power Bank Flash MCU
EED Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D�
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
DataEEPROMdata
DataEEPROMdatabit7~bit0
EEC Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
WREN
WR
RDEN
RD
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit7~4
Unimplemented,readas“0”
Bit3
WREN:DataEEPROMWriteEnable
0:Disable
1:Enable
ThisistheDataEEPROMWriteEnableBitwhichmustbesethighbeforeData
EEPROMwriteoperationsarecarriedout.ClearingthisbittozerowillinhibitData
EEPROMwriteoperations.
Bit2
WR:EEPROMWriteControl
0:Writecyclehasfinished
1:Activateawritecycle
ThisistheDataEEPROMWriteControlBitandwhensethighbytheapplication
programwillactivateawritecycle.Thisbitwillbeautomaticallyresettozerobythe
hardwareafterthewritecyclehasfinished.Settingthisbithighwillhavenoeffectif
theWRENhasnotfirstbeensethigh.
Bit1
RDEN:DataEEPROMReadEnable
0:Disable
1:Enable
ThisistheDataEEPROMReadEnableBitwhichmustbesethighbeforeData
EEPROMreadoperationsarecarriedout.ClearingthisbittozerowillinhibitData
EEPROMreadoperations.
Bit0
RD:EEPROMReadControl
0:Readcyclehasfinished
1:Activateareadcycle
ThisistheDataEEPROMReadControlBitandwhensethighbytheapplication
programwillactivateareadcycle.Thisbitwillbeautomaticallyresettozerobythe
hardwareafterthereadcyclehasfinished.Settingthisbithighwillhavenoeffectif
theRDENhasnotfirstbeensethigh.
Note:TheWREN,WR,RDENandRDcannotbesetto“1”atthesametimeinoneinstruction.The
WRandRDcannotbesetto“1”atthesametime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com