Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F0027 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F0027
Description  PIR 8-Bit Flash MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0027 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F0027 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
Rev. 1.20
12
�an�a�� 21� 201�
Rev. 1.20
13
�an�a�� 21� 201�
HT45F0027
PIR 8-Bit Flash MCU
HT45F0027
PIR 8-Bit Flash MCU
OP Amplifier Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
D.C. Characteristic
VDDO
Ope�ating Voltage
—
—
2.7
—
5.5
V
IDDO
Q�iescent C���ent
5V No load
—
2
4
µA
IOPOS
Inp�t Offset C���ent
5V VCM=1/2VDD� Ta=-40~85°C
—
10
—
nA
VOS
OP Amp Inp�t Offset Voltage
5V
—
-10
—
10
mV
GBW
OP Amp Gain Band Bandwidth
5V
—
2.5
5
—
kHz
PSRR
Powe� S�ppl� Rejection Ratio
—
—
�0
80
—
dB
CMRR
Common Mode Rejection Ratio
— V
IN
=(1/2)×VREG o�
VIN=(2/3)×VREG
�0
80
—
dB
A.C. Characteristic
AOL
Open Loop Gain
— No load
�0
80
—
dB
SR
Slew Rate+� Slew Rate-
— No load
—
0.01
—
V/µs
tPD
OPA Response Time
5V No load
—
1.5
2
ms
LDO Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDDIN
S�ppl� Voltage
—
—
2.7
3.3
5.5
V
VDDOUT
O�tp�t Voltage
— VREG o�tp�t decided b�
VSEL fields
-3%
VREG
+3%
V
IREF
D�iving C���ent
— VDDIN=5V� VCAP=0.1µF
1
—
—
mA
IDD
C���ent Cons�mption
5V
Afte� sta�t�p� no load�
incl�de bandgap
cons�mption
3
—
8
µA
Note:1.ThisLDOcanprovidestablepowersupplyforPIRsensorwitha10µFcap.
2.TheVREGpinshouldbeconnectedto0.1µFforADCreferencevoltageand10µFforPIRsensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com