Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F0027 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT45F0027
Description  PIR 8-Bit Flash MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0027 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT45F0027 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 112 page
background image
Rev. 1.20
40
�an�a�� 21� 201�
Rev. 1.20
41
�an�a�� 21� 201�
HT45F0027
PIR 8-Bit Flash MCU
HT45F0027
PIR 8-Bit Flash MCU
SMOD1 Register
Bit
7
6
5
4
3
2
1
0
Name
FSYSON
─
─
─
─
LVRF
LRF
WRF
R/W
R/W
─
─
─
─
R/W
R/W
R/W
POR
0
─
─
─
─
x
0
0
"x": �nknown
Bit7
FSYSON:fSYSControlinIDLEMode
Describedelsewhere
Bit6~3
Unimplemented,readas"0"
Bit2
LVRF:LVRfunctionresetflag
Describedelsewhere
Bit1
LRF:LVRControlregistersoftwareresetflag
Describedelsewhere
Bit0
WRF:WDTControlregistersoftwareresetflag
0:Notoccur
1:Occurred
Thisbitissetto1bytheWDTControlregistersoftwareresetandclearedbythe
applicationprogram.Notethatthisbitcanonlybeclearedto0bytheapplication
program.
Watchdog Timer Operation
TheWatchdogTimeroperatesbyprovidingadeviceresetwhenitstimeroverflows.Thismeans
thatintheapplicationprogramandduringnormaloperationtheuserhastostrategicallyclearthe
WatchdogTimerbeforeitoverflowstopreventtheWatchdogTimerfromexecutingareset.Thisis
doneusingtheclearwatchdoginstructions.Iftheprogrammalfunctionsforwhateverreason,jumps
toanunknownlocation,orentersanendlessloop,theseclearinstructionswillnotbeexecutedinthe
correctmanner,inwhichcasetheWatchdogTimerwilloverflowandresetthedevice.Withregardto
theWatchdogTimerenable/disablefunction,therearefivebits,WE4~WE0,intheWDTCregister
toofferadditionalenable/disableandresetcontroloftheWatchdogTimer.IftheWDTconfiguration
optionhasselectedthattheWDTfunctionisalwaysenabled,thenWE4~WE0bitsstillhaveeffect
ontheWDTfunction.WhentheWE4~WE0bitsvalueareequalto01010Bor10101B,theWDT
functionisenabled.However,iftheWE4~WE0bitsarechangedtoanyothervaluesexcept01010B
and10101B,whichcouldbecausedbyadverseenvironmentalconditionssuchasnoise,itwillreset
themicrocontrollerafter2~3LIRCclockcycles.IftheWDTconfigurationoptionhasselectedthat
theWDTfunctioniscontrolledusingtheapplicationprogram,thentheWDTcontrolregisterbits,
WE4~WE0,areusedtoenableordisabletheWatchdogTimer.InthiscasetheWDTfunctionwillbe
disabledwhentheWE4~WE0bitsareequalto10101BandenablediftheWE4~WE0bitsareequal
to01010B.IftheWE4~WE0bitsaresettoanyothervalues,otherthan01010Band10101B,itwill
resetthedeviceafter2~3LIRCclockcycles.Afterpoweronthesebitswillhaveavalueof01010B.
WDT Configuration Option
WE4 ~ WE0 Bits
WDT Function
Alwa�s Enabled
01010B o� 10101B
Enable
An� othe� val�e
Reset MCU
Application P�og�am Enabled
10101B
Disable
01010B
Enable
An� othe� val�e
Reset MCU
Watchdog Timer Enable/Disable Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com