Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F0027 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT45F0027
Description  PIR 8-Bit Flash MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0027 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT45F0027 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F0027 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
Rev. 1.20
20
�an�a�� 21� 201�
Rev. 1.20
21
�an�a�� 21� 201�
HT45F0027
PIR 8-Bit Flash MCU
HT45F0027
PIR 8-Bit Flash MCU
00H
01H
02H
03H
IAR0
MP0
IAR1
MP1
BP
04H
ACC
05H
PCL
0�H
TBLP
07H
TBLH
08H
TBHP
09H
STATUS
0AH
INTC0
0BH
0CH
TMR0
0DH
TMR0C
0EH
0FH
TMR1
10H
TMR1C
11H
PA
12H
PAC
13H
PB
14H
PBC
15H
1�H
17H
LVDC
18H
LVRC
19H
1AH
1BH
1CH
WDTC
1DH
INTC1
1EH
1FH
20H
21H
22H
23H
24H
ADRL
ADRH
25H
ADCR0
2�H
ADCR1
27H
28H
ACER
29H
PAWU
2AH
PAPU
2BH
PBPU
2CH
SMOD1
2DH
SMOD
2EH
INTEG
2FH
OPAC0
Bank 0
Bank 1
Bank 0~1
: �n�sed� �ead as 00H
40H
41H
42H
43H
LULV
HULV
LLLV
HLLV
44H
45H
7FH
EEC
30H
OPAC1
ACCC0
ACCC1
31H
32H
33H
MFIC
SIMC0
SIMC1
SIMD
SIMA/SIMC2
34H
35H
3�H
37H
38H
39H
3AH
EEA
EED
PRM
LDOC
TS_BG
TS_OP
3BH
3CH
3DH
3EH
3FH
Special Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com