Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2942 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2942
Description  UHF QUADRATURE MODULATOR AND TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2942 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2942 Datasheet HTML 1Page - RF Micro Devices RF2942 Datasheet HTML 2Page - RF Micro Devices RF2942 Datasheet HTML 3Page - RF Micro Devices RF2942 Datasheet HTML 4Page - RF Micro Devices RF2942 Datasheet HTML 5Page - RF Micro Devices RF2942 Datasheet HTML 6Page - RF Micro Devices RF2942 Datasheet HTML 7Page - RF Micro Devices RF2942 Datasheet HTML 8Page - RF Micro Devices RF2942 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
11-197
RF2942
Rev A4 040115
Pin
Function
Description
Interface Schematic
1QSIG-
Reference voltage for the I and Q mixer. This voltage should be the
same as the DC voltage supplied to the I and Q SIG pin. To obtain a
carrier suppression of better than 40dB it may be tuned ±0.15V (rela-
tive to the I and Q SIG DC voltage). Without tuning, the carrier suppres-
sion will typically be better than 25dB. The input impedance of this pin
is typically >10 k
Ω.
2QSIG+
Same as pin 1, except complementary input.
See pin 1.
3ISIG-
Same as pin 4, except complementary input.
See pin 1.
4ISIG+
This pin is used to supply Vcc to the modulator circuits. A RF bypass
capacitor should be connected directly to this and ground. Baseband
input to the I mixer. A DC bias of approximately 1.2V is present at this
pin.A DC blocking capacitor is needed if the signal has a different DC
level. Maximum output power is obtained when the input signal has a
peak to peak amplitude of 1V. The input impedance of this pin is about
3 k
Ω. The SIG- and SIG+ inputs are interchangeable. If swapping the I
SIG+ and I SIG- pins, the Q SIG+ and Q SIG- also need to be swapped
to maintain the correct phase. The SIG+ and SIG- pins may be driven
differentially for BPSK to increase conversion gain.
See pin 1.
5N/C
No connection.
6GND
7PA VCC
Voltage supply for PA driver.
8N/C
No connection.
9RF OUT
Power Amp output, open collector output.
10
N/C
No connection.
11
VCC3
Voltage supply for PA buffer.
12
TX EN
TX enabled when >2.0V. When TX EN is held low, only the LO buffer,
LO divider and LO divider buffer are left on. To power all of the circuitry
down, TX EN and VCC1 must be held low.
13
VCC1
Voltage supply for LO buffer and divider.
14
LO IN
The LO input level should be greater than -15dBm for proper operation.
15
LO/2 OUT
LO divide-by-2 output.
16
VCC2
Voltage supply for mixers.
DATA
DATA+
BIAS
VCC3 RF OUT
BIAS
LO IN-
LO IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com