Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2942 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2942
Description  UHF QUADRATURE MODULATOR AND TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2942 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2942 Datasheet HTML 1Page - RF Micro Devices RF2942 Datasheet HTML 2Page - RF Micro Devices RF2942 Datasheet HTML 3Page - RF Micro Devices RF2942 Datasheet HTML 4Page - RF Micro Devices RF2942 Datasheet HTML 5Page - RF Micro Devices RF2942 Datasheet HTML 6Page - RF Micro Devices RF2942 Datasheet HTML 7Page - RF Micro Devices RF2942 Datasheet HTML 8Page - RF Micro Devices RF2942 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
11-195
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
3
4
LO IN+
12
14
1
2
9RF OUT
+45°
-45°
Σ
÷2
LO2 OUT 15
RF2942
UHF QUADRATURE MODULATOR
AND TRANSMITTER
• 915MHz ISM Band Products
• Digital Communications
• Quadrature Modulation
• Portable Battery-Powered Equipment
The RF2942 is an integrated power amplifier and quadra-
ture modulator IC. The quadrature modulator is driven
with a single-ended local oscillator (LO) source. The
quadrature phase generation of the LO is accomplished
using an internal passive network tuned for twice the
operating frequency. The LO frequency is at twice the RF
frequency to avoid interfering with an external synthe-
sizer.
• 2.0V to 3.6V Power Supply
• 902MHz to 928MHz Frequency Range
• 200mW Output Power
• Low LO Input Level
• Low Broadband Noise Floor
• Small Footprint
RF2942
UHF Quadrature Modulator and Transmitter
RF2942 PCBA
Fully Assembled Evaluation Board
0
Rev A4 040115
12°
MAX
SEATING
PLANE
-C-
0.05
0.01
0.80
0.65
0.05 C
1.00
0.85
0.10
C AB
M
0.35
0.23
0.60
0.24
TYP
0.75
0.50
1.85
1.55
SQ.
0.65
0.23
0.13
4 PLCS
0.65
0.30
4 PLCS
Shaded lead is pin 1.
Dimensions in mm.
4.00 SQ.
2.00 TYP
3.75 SQ.
-B-
-A-
0.25 C A
2 PLCS
0.25 C B
2 PLCS
0.20 C A
2 PLCS
0.20 C B
2 PLCS
1.88 TYP
Package Style: QFN, 16-Pin, 4x4


Similar Part No. - RF2942

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2948B RFMD-RF2948B Datasheet
413Kb / 18P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
RF2948BPCBA RFMD-RF2948BPCBA Datasheet
413Kb / 18P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
RF2948BTR13 RFMD-RF2948BTR13 Datasheet
413Kb / 18P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
More results

Similar Description - RF2942

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2424 RFMD-RF2424 Datasheet
89Kb / 6P
UHF QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
logo
RF Micro Devices
RF2402 RFMD-RF2402 Datasheet
84Kb / 6P
UHF QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com