Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9B92 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT9B92
Description  RAM Mapping 36횞4 LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT9B92 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Rev. 1.20
15
November 25, 2015
HT9B92
Display RAM Page Write Operation
AfteraSTARTconditiontheslaveaddresswitha
writecontrolbitisplacedonthebusfollowedwith
thespecifieddisplayRAMRegisterAddressofwhich
thecontentsarewrittenintotheinternaladdress
pointer.Thedatatobewrittenintothememorywill
betransmittednext.Theinternaladdresspointerwill
beincrementedby1aftera4-bitdataisshiftedin.
Thentheacknowledgeclockpulsewillbereceived
afteran8-bitdataisshifted.Aftertheinternaladdress
pointreachesthemaximummemoryaddress,23H,
theaddresspointerwillberesetto00H.Itisstrongly
recommendedtowritethedisplayRAMdatafrom
address00Hto23HusingtheDisplayRAMPage
WriteOperation.
Command Summary
Thebit7denotedas“C”hereisthecontrolbitwhich
isusedtodeterminethatthenextbyteisthedisplay
RAMdataorcommandbyte.
C bit
Remark
0
Next byte is Display RAM data.
1
Next byte is command.
Slave Address
ACK
Write
S
0
1
1
1
1
1
0
0
ACK
Address n
ACK
Data byte
P
D7
D6
D5
D4
D3
D2
D1
D0
Data byte
D7
D6
D5
D4
D3
D2
D1
D0
ACK
ACK
Data byte
D7
D6
D5
D4
D3
D2
D1
D0
nth data
ACK
Register Address byte
A0
A1
A2
A3
A4
0
0
0
( n+1)th data
(n+2)th data
( n+3)th data
(N-1)th data
Nth data
I2C Interface N Bytes Display RAM Data Write Operation
Display RAM Address Setting Command
ThiscommandisusedtodefinethestartaddressofthedisplayRAM.
Function
(MSB) Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 (LSB) Bit0
Note
Address Pointer
C
0
0
A4 A3 A2 A1
A0
Display RAM memory start address
Note: 1. The address ranges from 00H to 1FH.
2. It is strongly recommended to write the display RAM data from address 00H to 23H at one time.
3. Power on status: the address will be set to 00H.
4. If the programmed command is not defined, the function will not be affected.
Drive Mode Setting Command
ThiscommandisusedtocontroltheLCDbiasanddisplayon/off.
Function
(MSB) Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 (LSB) Bit0
Note
Bias and Display on/off setting
C
1
0
X
P3 P2
X
X
—
Note:
P2
Bias
0
1/3 bias (default)
1
1/2 bias
P3
LCD Display On/Off
0
Off (default)
1
On
● Power on status: The 1/3 bias drive mode is selected and the LCD display is switched off.
● If the programmed command is not defined, the function will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com