Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9B92 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT9B92
Description  RAM Mapping 36횞4 LCD Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT9B92 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9B92 Datasheet HTML 25Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Rev. 1.20
23
November 25, 2015
HT9B92
48-pin TSSOP Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
—
0.047
A1
0.002
—
0.006
A2
0.031
0.039
0.041
B
0.007
—
0.011
C
0.004
—
0.008
D
0.488
0.492
0.496
E
—
0.319 BSC
—
E1
0.236
0.240
0.244
e
—
0.020 BSC
—
L
0.018
0.024
0.030
L1
—
0.039 BSC
—
y
—
0.004
—
θ
0°
―
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
—
1.20
A1
0.05
—
0.15
A2
0.80
1
1.05
B
0.17
—
0.27
C
0.09
—
0.20
D
12.40
12.50
12.60
E
—
8.10 BSC
—
E1
6.00
6.10
6.20
e
—
0.50 BSC
—
L
0.45
0.60
0.75
L1
—
1.0 BSC
—
y
—
0.10
—
θ
0°
―
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com