Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F488 Datasheet(PDF) 69 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 69 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 65Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 66Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 67Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 68Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 69Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 70Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 71Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 72Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 73Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 171 page
background image
Rev. 1.60
69
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
TMnC1 Register
Bit
7
6
5
4
3
2
1
0
�a�e
TnM1
TnM0
TnIO1
TnIO0
TnOC
TnPOL TnCAPTS TnCCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
TnM1~TnM0:SelectTMnOperationMode
00:CompareMatchOutputMode
01:CaptureInputMode
10:PWMOutputModeorSinglePulseOutputMode
11:Timer/CounterMode
ThesebitssetuptherequiredoperatingmodefortheTM.Toensurereliableoperation
theTMshouldbeswitchedoffbeforeanychangesaremadetotheTnM1andTnM0
bits.IntheTimer/CounterMode,theTMoutputpincontrolmustbedisabled.
Bit5~4
TnIO1~TnIO0:SelectTPn_0,TPn_1outputfunction
CompareMatchOutputMode
00:Nochange
01:Outputlow
10:Outputhigh
11:Toggleoutput
PWMOutputMode/SinglePulseOutputMode
00:PWMOutputinactivestate
01:PWMOutputactivestate
10:PWMoutput
11:Singlepulseoutput
CaptureInputMode
00:InputcaptureatrisingedgeofTPn_0,TPn_1,TCKn
01:InputcaptureatfallingedgeofTPn_0,TPn_1,TCKn
10:Inputcaptureatfalling/risingedgeofTPn_0,TPn_1,TCKn
11:Inputcapturedisabled
Timer/counterMode
Unused
ThesetwobitsareusedtodeterminehowtheTMoutputpinchangesstatewhena
certainconditionisreached.Thefunctionthatthesebitsselectdependsuponinwhich
modetheTMisrunning.
IntheCompareMatchOutputMode,theTnIO1andTnIO0bitsdeterminehowthe
TMoutputpinchangesstatewhenacomparematchoccursfromtheComparatorA.
TheTMoutputpincanbesetuptoswitchhigh,switchlowortotoggleitspresentstate
whenacomparematchoccursfromtheComparatorA.Whenthesebitsarebothzero,
thennochangewilltakeplaceontheoutput.TheinitialvalueoftheTMoutputpin
shouldbesetupusingtheTnOCbit.NotethattheoutputlevelrequestedbytheTnIO1
andTnIO0bitsmustbedifferentfromtheinitialvaluesetupusingtheTnOCbit
otherwisenochangewilloccurontheTMoutputpinwhenacomparematchoccurs.
AftertheTMoutputpinchangesstate,itcanberesettoitsinitiallevelbychanging
theleveloftheTnONbitfromlowtohigh.
InthePWMOutputMode,theTnIO1andTnIO0bitsdeterminehowtheTMoutput
pinchangesstatewhenacertaincomparematchconditionoccurs.ThePWMoutput
functionismodifiedbychangingthesetwobits.Itisnecessarytochangethevalues
oftheTnIO1andTnIO0bitsonlyaftertheTMhasbeenswitchedoff.Unpredictable
PWMoutputswilloccuriftheTnIO1andTnIO0bitsarechangedwhentheTMis
running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com