Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F488 Datasheet(PDF) 94 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 94 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 90Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 91Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 92Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 93Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 94Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 95Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 96Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 97Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 98Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 171 page
background image
Rev. 1.60
94
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
ADCR0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
START
EOCB
ADOFF
ADRFS
ACS3
ACS�
ACS1
ACS0
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
1
0
0
0
0
0
Bit7
START:StarttheA/Dconversion
0→1→0:Start
0→1:ResettheA/DconverterandsetEOCBto“1”
ThisbitisusedtoinitiateanA/Dconversionprocess.Thebitisnormallylowbutifset
highandthenclearedlowagain,theA/Dconverterwillinitiateaconversionprocess.
WhenthebitissethightheA/Dconverterwillbereset.
Bit6
EOCB:EndofA/Dconversionflag
0:A/Dconversionended
1:A/Dconversioninprogress
ThisreadonlyflagisusedtoindicatewhenanA/Dconversionprocesshascompleted.
Whentheconversionprocessisrunning,thebitwillbehigh.
Bit5
ADOFF:ADCmodulepoweron/offcontrolbit
0:ADCmodulepoweron
1:ADCmodulepoweroff
ThisbitcontrolsthepowertotheA/Dinternalfunction.Thisbitshouldbecleared
tozerotoenabletheA/Dconverter.IfthebitissethighthentheA/Dconverterwill
beswitchedoffreducingthedevicepowerconsumption.AstheA/Dconverterwill
consumealimitedamountofpower,evenwhennotexecutingaconversion,thismay
beanimportantconsiderationinpowersensitivebatterypoweredapplications.
Note:1.ItisrecommendedtosetADOFF=1beforeenteringIDLE/SLEEPModefor
savingpower.
2.ADOFF=1willpowerdowntheADCmodule.
Bit4
ADRFS:A/Ddataformatcontrolbit
0:ADCDataMSBisADRHbit7,LSBisADRLbit4
1:ADCDataMSBisADRHbit3,LSBisADRLbit0
Thisbitcontrolstheformatofthe12-bitconvertedA/DvalueinthetwoA/Ddata
registers.DetailsareprovidedintheA/Ddataregistersection.
Bit3~0
ACS3~ACS0:SelectA/Dchannel(whenACS4is“0”)
0000:AN0
0001:AN1
0010:AN2
0011:AN3
0100:AN4
0101:AN5
0110:AN6
0111:AN7
1000:AN8
1001~1111:AN9
ThesearetheA/Dchannelselectcontrolbits.AsthereisonlyoneinternalhardwareA/
DconvertereachofthetenA/Dinputsmustberoutedtotheinternalconverterusing
thesebits.IftheACS4bitissethigh,thentheinternalBandgapVBGwillberoutedto
theA/DConverter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com