Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F488 Datasheet(PDF) 101 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 101 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 97Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 98Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 99Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 100Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 101Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 102Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 103Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 104Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 105Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 171 page
background image
Rev. 1.60
101
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
FF EH
(
)
A/ D Co nv er si on
Re su lt
FFFH
FF DH
03 H
02 H
01 H
0. 5 LS B
0
12
3
409 3 409 44 09 54 09 6
An al og I npu t V ol t age
1. 5 LS B
V DD or V RE F
409 6
Ideal A/D Transfer Function
A/D Programming Example
ThefollowingtwoprogrammingexamplesillustratehowtosetupandimplementanA/Dconversion.
Inthefirstexample,themethodofpollingtheEOCBbitintheADCR0registerisusedtodetect
whentheconversioncycleiscomplete,whereasinthesecondexample,theA/Dinterruptisusedto
determinewhentheconversioniscomplete.
Example: using an EOCB polling method to detect the end of conversion
clr ADE
; disable ADC interrupt
mov a, 03H
mov ADCR1,a;selectfSYS/8asA/DclockandswitchoffVBG
clr ADOFF
mov a,0Fh;setupACERLtoconfigurepinsAN0~AN3
mov ACERL,a
mov a,00h
mov ACERH,a
mov a, 00h
mov ADCR0,a;enableandconnectAN0channeltoA/Dconverter
:
Start_conversion:
clr START
set START ;resetA/D
clr START;startA/D
Polling_EOC:
sz EOCB ;polltheADCR0registerEOCBbittodetectend
;ofA/Dconversion
jmp polling_EOC ;continuepolling
mov a,ADRL;readlowbyteconversionresultvalue
mov adrl_buffer,a;saveresulttouserdefinedregister
mov a,ADRH;readhighbyteconversionresultvalue
mov adrh_buffer,a;saveresulttouserdefinedregister
:
jmp start_conversion;startnextA/Dconversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com