Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F006 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT68F006
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F006 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT68F006 Datasheet HTML 42Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 43Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 44Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 45Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 46Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 47Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 48Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 49Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 93 page
background image
Rev. 1.00
46
��to�e� ��� �01�
Rev. 1.00
47
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
• WatchdogTime-outResetduringNormalOperation
TheWatchdogtime-outResetduringnormaloperationisthesameasaPower-onresetexcept
thattheWatchdogtime-outflagTOwillbesetto“1”.
t RS TD + t SST
WD T Ti me - out
In te r nal R es et
Note:tRSTDispower-ondelay,typicaltime=16.7ms
WDT Time-out Reset during Normal Operation Timing Chart
• WatchdogTime-outResetduringSLEEPorIDLEMode
TheWatchdogtime-outResetduringSLEEPorIDLEModeisalittledifferentfromotherkinds
ofreset.MostoftheconditionsremainunchangedexceptthattheProgramCounterandtheStack
Pointerwillbeclearedto“0”andtheTOflagwillbesetto“1”.RefertotheA.C.Characteristics
fortSSTdetails.
t SST
WD T Ti me - out
In te r nal R es et
Note:ThetSSTis15~16clockcyclesifthesystemclocksourceisprovidedbyHIRC.
ThetSSTis1024clockforHXT.ThetSSTis1~2clockforLIRC.
WDT Time-out Reset during SLEEP or IDLE Timing Chart
WDTC Register Software Reset
AWDTCsoftwareresetwillbegeneratedwhenavalueotherthan“10101”or“01010”,existin
thehighestfivebitsoftheWDTCregister.TheWRFbitintheCTRLregisterwillbesethigh
whenthisoccurs,thusindicatingthegenerationofaWDTCsoftwarereset.
• WDTC Register
Bit
7
6
5
4
3
2
1
0
Name
WE4
WE3
WE�
WE1
WE0
WS�
WS1
WS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
P�R
0
1
0
1
0
0
1
1
Bit7~3
WE4, WE3, WE2, WE1, WE0:WDTSoftwareControl
10101:WDTDisable
01010:WDTEnable(default)
Other:MCUreset
Bit2~0
WS2, WS1, WS0:WDTtime-outperiodselection
Describedelsewhere



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com