Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F006 Datasheet(PDF) 55 Page - Holtek Semiconductor Inc

Part # HT68F006
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F006 Datasheet(HTML) 55 Page - Holtek Semiconductor Inc

Back Button HT68F006 Datasheet HTML 51Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 52Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 53Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 54Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 55Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 56Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 57Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 58Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 59Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 93 page
background image
Rev. 1.00
54
��to�e� ��� �01�
Rev. 1.00
55
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
TM Input/Output Pin Control Registers
SelectingtohaveaTMinput/outputorwhethertoretainitsothersharedfunctionisimplemented
usingoneregister,withasinglebitineachregistercorrespondingtoaTMinput/outputpin.Setting
thebithighwillsetupthecorrespondingpinasaTMinput/output,ifresettozerothepinwillretain
itsoriginalotherfunction.
TMPC Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
T1CP1
T1CP0
T0CP1
T0CP0
R/W
—
—
—
—
R/W
R/W
R/W
R/W
P�R
—
—
—
—
0
1
0
1
bit7~4
Unimplemented,readas"0"
bit3
T1CP1:TP1_1pinControl
0:Disable
1:Enable
bit2
T1CP0:TP1_0pinControl
0:Disable
1:Enable
bit1
T0CP1:TP0_1pinControl
0:Disable
1:Enable
bit0
T0CP0:TP0_0pinControl
0:Disable
1:Enable
Programming Considerations
TheTMCounterRegistersandtheCapture/CompareCCRAregisters,being10-bit,allhavealow
andhighbytestructure.Thehighbytescanbedirectlyaccessed,butasthelowbytescanonlybe
accessedviaaninternal8-bitbuffer,readingorwritingtotheseregisterpairsmustbecarriedoutin
aspecificway.Theimportantpointtonoteisthatdatatransfertoandfromthe8-bitbufferandits
relatedlowbyteonlytakesplacewhenawriteorreadoperationtoitscorrespondinghighbyteis
executed.
Data
Bus
8-�it
Buffe�
TMxDH
TMxDL
TMxAH
TMxAL
TM Counte� Registe� (Read only)
TM CCRA Registe� (Read/W�ite)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com