Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F006 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT68F006
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F006 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT68F006 Datasheet HTML 14Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 15Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 16Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 17Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 18Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 19Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 20Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 21Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
Rev. 1.00
18
��to�e� ��� �01�
Rev. 1.00
19
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Table Read Program Example
tempreg1 db
?
; temporary register #1
tempreg2 db
?
; temporary register #2
:
:
mov a, 06h
; initialise low table pointer - note that this address
mov tblp, a
; is referenced to the last page or present page
mov a, 07h
; initialise high table pointer
mov tbhp, a
:
:
tabrdl tempreg1
; transfers value in table referenced by table pointer
; data at program memory address “306H” transferred to
; tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrdl tempreg2
; transfers value in table referenced by table pointer
; data at program memory address “305H” transferred to
; tempreg2 and TBLH in this example the data “1AH” is
; transferred to tempreg1 and data “0FH” to register tempreg2
:
:
org 300h
; sets initial address of program memory
dc 00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:
In Circuit Programming
TheprovisionofFlashtypeProgramMemoryprovidestheuserwithameansofconvenientand
easyupgradesandmodificationstotheirprogramsonthesamedevice.
Asanadditionalconvenience,Holtekhasprovidedameansofprogrammingthemicrocontroller
in-circuitusinga4-pininterface.Thisprovidesmanufacturerswiththepossibilityofmanufacturing
theircircuitboardscompletewithaprogrammedorun-programmedmicrocontroller,andthen
programmingorupgradingtheprogramatalaterstage.Thisenablesproductmanufacturerstoeasily
keeptheirmanufacturedproductssuppliedwiththelatestprogramreleaseswithoutremovaland
re-insertionofthedevices.
Holtek Writer Pins MCU Programming Pins
Pin Description
ICPDA
PA0
P�og�amming Se�ial Data
ICPCK
PA7
P�og�amming Clo�k
VDD
VDD
Powe� Supply
VSS
VSS
G�ound
TheProgramMemorycanbeprogrammedseriallyin-circuitusingthis4-wireinterface.Data
isdownloadedanduploadedseriallyonasinglepinwithanadditionallinefortheclock.Two
additionallinesarerequiredforthepowersupplyandonelineforthereset.Thetechnicaldetails
regardingthein-circuitprogrammingofthedevicesarebeyondthescopeofthisdocumentandwill
besuppliedinsupplementaryliterature.
Duringtheprogrammingprocess,takingcontrolofthePA0andPA7pinsfordataandclock
programmingpurposes.Theusermusttheretakecaretoensurethatnootheroutputsareconnected
tothesetwopins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com