Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82V70 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82V70
Description  Two 6-Channel, up to 240MSPS CIS Timing Generator and Shading Correction
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V70 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82V70 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
Rev. 1.00
3
January 12, 2017
HT82V70
Pin Description
Pin
100
pin
Description
Name
DIR
TYP
DRV
SCSN
DI
U
─
1
SPI Chip Select, Active Low
SDI
DIO
U
8
2
3-wire SPI Serial Data I/O or
4-wire SPI Serial Data input
SCK
DI
U
─
3
SPI Serial Clock
SDO
DO
C
8
4
4-wire SPI Serial Data Output
CIS2_GLED
DO
T
8
5
2nd CIS Module Green LED Active Slot Control
CIS2_RLED
DO
T
8
6
2nd CIS Module Red LED Active Slot Control
CIS2_BLED
DO
T
8
7
2nd CIS Module Blue LED Active Slot Control
CIS2_IRLED
DO
T
8
8
2nd CIS Module IR LED Active Slot Control
CIS2_UVLED
DO
T
8
9
2nd CIS Module UV LED Active Slot Control
CIS2_IR2LED
DO
T
8
10
2nd CIS Module IR2 LED Active Slot Control
CIS2_MODE
DO
T
4
11
2nd CIS Mode Select
CIS2_SP
DO
T
8
12
2nd CIS Module Start Pulse
PVDD
P
─
─
13
Pad Power Pin
CIS_CLK
DO
C
8
14
CIS Module Pixel Clock
PVSS
P
─
─
15
Pad Ground Pin
VP_D15
DIO
U
4
16
VPFE Pixel Data Output 15, or EMIFA Data 15 In/Out
VP_D14
DIO
U
4
17
VPFE Pixel Data Output 14, or EMIFA Data 14 In/Out
VP_D13
DIO
U
4
18
VPFE Pixel Data Output 13, or EMIFA Data 13 In/Out
VP_D12
DIO
U
4
19
VPFE Pixel Data Output 12, or EMIFA Data 12 In/Out
VP_D11
DIO
U
4
20
VPFE Pixel Data Output 11, or EMIFA Data 11 In/Out
VP_D10
DIO
U
4
21
VPFE Pixel Data Output 10, or EMIFA Data 10 In/Out
VP_D9
DIO
U
4
22
VPFE Pixel Data Output 9, or EMIFA Data 9 In/Out
VP_D8
DIO
U
4
23
VPFE Pixel Data Output 8, or EMIFA Data 8 In/Out
PVDD
P
─
─
24
Pad Power Pin
VP_D7
DIO
U
4
25
VPFE Pixel Data Output 7, or EMIFA Data 7 In/Out
VP_D6
DIO
U
4
26
VPFE Pixel Data Output 6, or EMIFA Data 6 In/Out
PVSS
P
─
─
27
Pad Ground Pin
VP_D5
DIO
U
4
28
VPFE Pixel Data Output 5, or EMIFA Data 5 In/Out
VP_D4
DIO
U
4
29
VPFE Pixel Data Output 4, or EMIFA Data 4 In/Out
VP_D3
DIO
U
4
30
VPFE Pixel Data Output 3, or EMIFA Data 3 In/Out
VP_D2
DIO
U
4
31
VPFE Pixel Data Output 2, or EMIFA Data 2 In/Out
VP_D1
DIO
U
4
32
VPFE Pixel Data Output 1, or EMIFA Data 1 In/Out
VP_D0
DIO
U
4
33
VPFE Pixel Data Output 0, or EMIFA Data 0 In/Out
NC
─
─
─
34
Not connected
VD_MOEN
DIO
U
4
35
VPFE VD output , Active High or
EMIFA OE# input, Active Low
HD_MWEN
DIO
U
4
36
VPFE HD output , Active High or
EMIFA WE# input, Active Low
PVDD
P
─
─
37
Pad Power Pin
PCLK_MWAIT
DO
C
12
38
VPFE Pixel Clock output or
EMIFA WAIT output, Active High
PVSS
P
─
─
39
Pad Ground Pin
CIS1_GLED
DIO
T,D
8
40
CIS Module Green LED Active Slot Control
CIS1_RLED
DIO
T,D
8
41
CIS Module Red LED Active Slot Control
CIS1_BLED
DIO
T,D
8
42
CIS Module Blue LED Active Slot Control
CIS1_IRLED
DO
T
8
43
CIS Module IR LED Active Slot Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com