Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF3750IPWR Datasheet(PDF) 6 Page - Texas Instruments

Part # TRF3750IPWR
Description  HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3750IPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF3750IPWR Datasheet HTML 2Page - Texas Instruments TRF3750IPWR Datasheet HTML 3Page - Texas Instruments TRF3750IPWR Datasheet HTML 4Page - Texas Instruments TRF3750IPWR Datasheet HTML 5Page - Texas Instruments TRF3750IPWR Datasheet HTML 6Page - Texas Instruments TRF3750IPWR Datasheet HTML 7Page - Texas Instruments TRF3750IPWR Datasheet HTML 8Page - Texas Instruments TRF3750IPWR Datasheet HTML 9Page - Texas Instruments TRF3750IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TRF3750
SLWS146A − MARCH 2004 − REVISED NOVEMBER 2004
www.ti.com
6
ELECTRICAL CHARACTERISTICS
Conditions (unless otherwise stated): AVDD = DVDD = 3.3 V or 5 V, VCP = 7 V; RSET = 4.7 kΩ, TA = 27°C, REFIN = 10 MHz at 6.5 dBm
Referenced to 50 Ω, ICPOUTmax = 5 mA, Power Down: Normal Operation; Timer Counter Control: Not used; MUXOUT Control: 3-state; Fast
Lock Mode: Disabled, PFD Polarity: Positive, Anti-backlash Pulse width: 1.5 ns, Resync/Delay: Normal (Delay=0, Resync=0), Counter
Operation: Normal, Charge Pump Output: Normal, Lock Detect Precision: 5 cycles
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Phase noise 110 MHz)
PFD = 200 kHz, Loop Loop BW = 20 kHz,
N 550 Phase noise measured at 1 kHz offset
−106
dBc/Hz
Reference spurs 110 MHz
N =550, Phase noise measured at 1-kHz offset
spurs measured at ±PFD, ±2 x PFD
−110
dBc
Phase noise 300 MHz
PFD = 200 kHz, Loop Loop BW = 20 kHz,
N 1500 Phase noise measured at 1 kHz
−99
dBc/Hz
Reference spurs 300 MHz
N =1500, Phase noise measured at 1-kHz
offset spurs measured at ±PFD, ±2 x PFD
−110
dBc
Phase noise 540 MHz
PFD = 200 kHz, Loop Loop BW = 20 kHz,
N 2700 Phase noise measured at 1 kHz
−94
dBc/Hz
Reference spurs 540 MHz
N = 2700, Phase noise measured at 1-kHz
offset spurs measured at ±PFD, ±2 x PFD
−90
dBc
Phase noise 836 MHz
PFD = 200 kHz, Loop Loop BW = 20 kHz,
N 4180 Phase noise measured at 1 kHz
−91
dBc/Hz
Reference spurs 836 MHz
N = 4180, Phase noise measured at 1-kHz
offset spurs measured at ±PFD, ±2 x PFD
−100
dBc
Phase noise 900 MHz
PFD = 200 kHz, Loop Loop BW = 20 kHz,
N 4500 Phase noise measured at 1 kHz
−91
dBc/Hz
Phase noise 900 MHz, over temperature and supply
N = 4500, Phase noise measured at 1−kHz
offset spurs measured at ±PFD, ±2 x PFD
−90
dBc/Hz
Reference spurs 900 MHz
PFD = 200 kHz, Loop Loop BW = 20 kHz,
N 4500 Phase noise measured at 1 kHz
−100
dBc
Reference spurs 900 MHz, over temperature and supply
N = 4500, Phase noise measured at 1-kHz
offset spurs measured at ±PFD, ±2 x PFD
−100
dBc
Phase noise 1750 MHz
PFD = 200 kHz, Loop Loop BW = 20 kHz,
N = 8750
−84
dBc/Hz
Reference spurs 1750 MHz
N = 8750
Phase noise measured at 1-kHz offset spurs
measured at ±PFD, ±2 x PFD
−96
dBc
Phase noise 1960 MHz
PFD = 200 kHz, Loop Loop BW = 20 kHz,
N 9800 Phase noise measured at 1 kHz
−84
dBc/Hz
Phase noise 1960 MHz, over temperature and supply
N = 9800, Phase noise measured at 1-kHz
offset spurs measured at ±PFD, ±2 x PFD
−82
dBc/Hz
Reference spurs 1960 MHz
PFD = 200 kHz, Loop Loop BW = 20 kHz,
N 9800 Phase noise measured at 1 kHz
−90
dBc
Reference spurs 1960 MHz, over temperature and supply
N = 9800, Phase noise measured at 1-kHz
offset spurs measured at ±PFD, ±2 x PFD
−90
dBc
Phase noise 2200 MHz
PFD = 200 kHz, Loop Loop BW = 20 kHz,
N 11000 Phase noise measured at 1 kHz
−83
dBc/Hz
Reference spurs 2200 MHz
N = 11000, Phase noise measured at 1-kHz
offset spurs measured at ±PFD, ±2 x PFD
−90
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com