Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF3750IPWR Datasheet(PDF) 21 Page - Texas Instruments

Part # TRF3750IPWR
Description  HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3750IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TRF3750IPWR Datasheet HTML 17Page - Texas Instruments TRF3750IPWR Datasheet HTML 18Page - Texas Instruments TRF3750IPWR Datasheet HTML 19Page - Texas Instruments TRF3750IPWR Datasheet HTML 20Page - Texas Instruments TRF3750IPWR Datasheet HTML 21Page - Texas Instruments TRF3750IPWR Datasheet HTML 22Page - Texas Instruments TRF3750IPWR Datasheet HTML 23Page - Texas Instruments TRF3750IPWR Datasheet HTML 24Page - Texas Instruments TRF3750IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TRF3750
SLWS146A − MARCH 2004 − REVISED NOVEMBER 2004
www.ti.com
21
Latch Description (Continued)
Table 6. Initialization Latch
DB0
DB1
Control
Bits
C1(1)
C2(1)
DB2
F1
DB3
PD1
DB4
M1
DB5
M2
DB6
M3
DB7
DB8
F3
DB9
F4
DB11
TC1
DB10
F5
DB12
TC2
DB13
TC3
DB14
TC4
DB15
CP11
Counter
Reset
DB16
CP12
DB17
CP13
DB22
P1
DB23
P2
DB18
CP14
DB19
CP15
DB21
PD2
Counter Operation
0
Timer Counter Control
DB20
CP16
Normal
Power
Down
1
MUXOUT
Control
F1
1
R, A, B counters
reset
Output
0
3-State output
M1
1
Digital lock detect
0
M2
0
0
M3
0
0
N divider output
1
0
1
DVDD
1
0
0
R divider output
0
1
1
Analog lock detect
0
1
0
Serial data output
1
1
1
DGND
1
1
CP
3-State
Charge Pump Output
0
Normal
F3
1
3-State
Fastlock
Enable
Fastlock
Mode
Fastlock Mode
X
Fastlock disable
F5
0
0
F4
1
Fastlock mode 1
1
1
Fastlock mode 2
Current
Setting 1
Current
Setting 2
Power
Down
2
Prescaler
Value
Timeout
(PFD Cycles)
0
3
TC1
1
0
TC2
0
011
1
115
1
019
0
1
0
027
1
131
1
0
TC3
0
0
0
1
1
1
1
0
TC4
0
0
0
0
0
0
7
23
035
0
0
1
139
0
0
1
043
1
0
1
147
1
0
1
051
0
1
1
055
0
1
1
059
1
1
1
163
1
1
1
0
CP16
CP13
0
0
0
1
1
1
1
0
0
0
1
0
0
1
1
1
0
1
0
0
1
0
1
1
2.7 kΩ
1.09
2.18
4.35
5.44
6.53
7.62
3.26
CP15
CP12
CP14
CP11
ICPOUTm,ax (mA)
4.7 kΩ
10 kΩ
8.70
0.63
1.25
2.50
3.13
3.75
4.38
1.88
5.00
0.29
0.59
1.76
1.47
1.76
2.06
0.88
2.35
Prescaler Value
0
8/9
P1
1
0
P2
0
16/17
0
1
32/33
Mode
X
Asynchronous power down
PD1
0
X
PD2
X
1
0
CE
(Pin 10)
0
1
1
1
1
1
Normal operation
Asynchronous power down
Synchronous power down
1
1
64/65
Reser-
ved
X{
† X = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com