Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF3750IPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # TRF3750IPWR
Description  HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3750IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TRF3750IPWR Datasheet HTML 9Page - Texas Instruments TRF3750IPWR Datasheet HTML 10Page - Texas Instruments TRF3750IPWR Datasheet HTML 11Page - Texas Instruments TRF3750IPWR Datasheet HTML 12Page - Texas Instruments TRF3750IPWR Datasheet HTML 13Page - Texas Instruments TRF3750IPWR Datasheet HTML 14Page - Texas Instruments TRF3750IPWR Datasheet HTML 15Page - Texas Instruments TRF3750IPWR Datasheet HTML 16Page - Texas Instruments TRF3750IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TRF3750
SLWS146A − MARCH 2004 − REVISED NOVEMBER 2004
www.ti.com
13
TYPICAL CHARACTERISTICS
Figure 22.
VTUNE − V
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
123
4
REFERENCE SPURS
vs
VTUNE
VCP = 7 V
VCP = 5 V
Figure 23.
Prescaler Setting
0
2
4
6
8
10
12
0
8
16
24
32
40
48
56
64
IAVDD
CURRENT
vs
PRESCALER SETTING
IDVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com