Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9710 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM9710
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM9710 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
21
MUTE
PV3...PV0
FUNCTION
0
0000
0dB attenuation
0
1111
45dB attenuation
1
xxxx
dB attenuation
Table 6 PC-beep Register Function
ANALOGUE MIXER INPUT GAIN REGISTERS (INDEX 0CH - 18H AND 72H)
This controls the gain/attenuation for each of the analogue inputs and mixer PGA. Each step
corresponds to approximately 1.5dB. The MSB of the register is the mute bit. When this bit is set
to 1 the level for that channel is set at -
dB. Note that the gain for the VID and AUX input
channels is fixed at 0dB. Writes to the gain control bits for these channels are ignored, and the
value of readback for these registers is always the default, with the exception of the mute bit 15
which may be written to and read from.
The default value for the mono registers is 8008h, which corresponds to 0dB gain with mute on.
The default value for stereo registers is 8808h, which corresponds to 0dB gain with mute on.
MUTE
GX4...GX0
FUNCTION
0
00000
+12dB gain
0
01000
0dB gain
0
11111
-34.5dB gain
1
xxxxx
-
dB gain
Table 7 Mixer Gain Control Register Function
REGISTER 0EH (MIC VOLUME REGISTER)
This has an extra bit that is for a 20dB boost. When bit 6 is set to 1 the 20dB boost is on. The
default value is 8008h, which corresponds to 0dB gain with mute on.
RECORD SELECT CONTROL REGISTER (INDEX 1AH)
Used to select the record source independently for right and left (see Table 8). The default value
is 0000h, which corresponds to Mic in. Setting Bit ADCNDAC in Register 5Ch selects a stereo mix
WITHOUT DAC when (5 x 2 – 5 x 0) is 5.
SR2 TO SR0
RIGHT RECORD SOURCE
SL2 TO SL0
LEFT RECORD SOURCE
0
Mic
0
Mic
1
CD in (R)
1
CD in (L)
3
Line in (R)
4
Line in (L)
4
Stereo mix (R)
5
Stereo mix (L)
5
Mono mix
6
Mono mix
6
Phone
7
Phone
Table 8 Record Select Register Function
RECORD GAIN REGISTERS (INDEX 1CH)
1Ch sets the stereo input record gain with each step corresponding to 1.5dB. The MSB of the
register is the mute bit. When this bit is set to 1, the level for both channels is set at -
dB.
The default value is 8000h, which corresponds to 0dB gain with mute on.
MUTE
GX3...GX0
FUNCTION
0
1111
+22.5dB gain
0
0000
0dB gain
1
xxxxx
-
dB gain
Table 9 Record Gain Register Function
GENERAL PURPOSE REGISTER (INDEX 20H)
This register is used to control several miscellaneous functions of the WM9710.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com