Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9710 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM9710
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM9710 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 25Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 26Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 27Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
24
Figure 12 illustrates a state when all the mixers should work with the static volume settings that
are contained in their associated registers. This is used when the user could be playing a CD (or
external LINEIN source) through WM9710 to the speakers but have most of the system in low
power mode. The procedure for this follows the previous except that the analogue mixer is never
shut down.
Note that in order to go into ultimate low power mode, PR4 and PR5 are required to be set which
turns off the oscillator circuit. Asserting SYNC resets the PR4 and PR5 bit and re-starts the
oscillator in the same way as the AC link is restarted.
REGISTER 28H – EXTENDED AUDIO ID
The Extended Audio ID register is a read only register that identifies which extended audio
features are supported (in addition to the original AC’97 features identified by reading the reset
register at index 00h). A non zero value indicates the feature is supported.
DATA BIT
FUNCTION
VALUE
VRA
Variable rate audio support
1
DRA
Double rate audio support
0
SPDIF
SPDIF transmitter supported
‘1’ = supported
VRM
Variable rate Mic ADC support
0
DSA0
DAC slot mapping control
See table below
DSA1
DAC slot mapping control
See table below
CDAC
Centre DAC support
0
SDAC
Surround DAC support
0
LDAC
LFE DAC support
0
AMAP
Slot mapping support for Codec ID
1
REV0
Revision number
1
REV1
Revision number
0
ID0
Codec configuration – pin 45 value
0 (Inverse of level at pin 45)
ID1
Codec configuration – fixed in WM9710
0
Table 13 Extended Audio ID Register
DSA1, DSA0
DAC SLOT MAPPING
00
Slots 3 & 4
01
Slots 7 & 8
10
Slots 6 & 9
11
Slots 10 & 11
Table 14 DAC Slot Mapping
DAC slot mapping to slots 7 and 8 or slots 6 and 9 cannot be used in variable rate mode (VRA=1)
for sample rates other than 48kHz.
REGISTER 2AH – EXTENDED AUDIO STATUS AND CONTROL REGISTER
The Extended Audio Status and Control Register is a read/write register that provides status and
control of the extended audio features. Note that SPDIF slot mapping default varies according to
codec pin configuration. See Table 2.
DATA BIT
FUNCTION
READ/WRITE
VRA
Enables variable rate audio mode
Read/write
SPDIF
SPDIF transmitter enable
Read/write
SPSA0
SPDIF slot assignment
Read/write
SPSA1
SPDIF slot assignment
Read/write
SPCV
SPDIF validity bit
Read
Table 15 Extended Audio Status and Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com