Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9710 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM9710
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM9710 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 25Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 26Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 27Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 28Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
25
SPSA0, SPSA1
SPDIF SLOT MAPPING
00
Slots 3 & 4
01
Slots 7 & 8
10
Slots 6 & 9
11
Slots 10 & 11
Table 16 SPDIF Slot Mapping
REGISTER 2Ch AND 32h – AUDIO SAMPLE RATE CONTROL REGISTERS
These registers are read/write registers that are written to, to select alternative sample rates for
the audio PCM converters. Default is the 48kHz rate. Note that only Revision 2.2 recommended
rates are supported by the WM9710, selection of any other unsupported rates will cause the rate
to default to the nearest supported rate, and the supported rate value to be latched and so read
back. Sample rate is entered in binary form to the appropriate register.
REGISTERS 3AH – SPDIF CONTROL REGISTER
Register 3Ah is a read/write register that controls SPDIF functionality and manages bit fields
propagated as channel status (or sub-frame in the V case). With the exception of V, this register
should only be written to when the SPDIF transmitter is disabled (SPDIF bit in register 2Ah is ‘0’).
Once the desired values have been written to this register, the contents should be read back to
ensure that the sample rate in particular is supported, then SPDIF validity bit SPCV in register
2Ah should be read to ensure the desired configuration is valid. Only then should the SPDIF
enable bit in register 2Ah be set. This ensures that control and status information start up
correctly at the beginning of SPDIF transmission. WM9710 only supports an SPDIF sample rate
of 48kHz.
CONTROL
BIT
FUNCTION
PRO
Professional; ‘0’ indicates consumer, ‘1’ indicates professional
AUDIB
Non-audio; ‘0’ indicates data is PCM, ‘1’ indicates non-PCM format (eg DD or DTS)
COPY
Copyright; ‘0’ indicates copyright is not asserted, ‘1’ indicates copyright
PRE
Pre-emphasis; ‘0’ indicates not pre-emphasis, ‘1’ indicates 50/15us pre-emphasis
CC[6-0]
Category code; programmed as required by user
L
Generation level; programmed as required by user
V
Validity bit; ‘0’ indicates frame valid, ‘1’ indicates frame not valid
Table 17 SPDIF Control Register
VENDOR SPECIFIC REGISTERS (INDEX 5Ah - 7Ah)
These registers are vendor specific. Do not write to these registers unless the Vendor ID register
has been checked first to ensure that the controller knows the source of the AC ‘97 component.
MIXER MUTE PATH (INDEX 5AH)
Bit 4 (MPM) is used to disable the path between the main input mixer and the lineout mixer.
Setting this bit to 1, breaks the connection and allows the following combinations:
DAC + PHONE + PCBEEP to line out / headphone out
When writing to this register all bits (except MPM) must be written as a 0 or device function can
not be guaranteed.
VENDOR SPECIFIC MODE CONTROL (INDEX 5CH)
Register 5Ch is a vendor specific control register used to control the function of non-AC’97
specified functions. This register defaults to all special features ‘disabled’ i.e. All zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com