Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563TBAGFB Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # R5F563TBAGFB
Description  100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563TBAGFB Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R5F563TBAGFB Datasheet HTML 65Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 66Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 67Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 68Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 69Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 70Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 71Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 72Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 186 page
background image
R01DS0087EJ0220 Rev.2.20
Page 69 of 186
Mar 31, 2016
RX63T Group
4. I/O Registers
0008 8308h
RIIC0
I2C Bus Status Register 1
ICSR1
8
8
2, 3 PCLKB
2 ICLK
RIIC
0008 8309h
RIIC0
I2C Bus Status Register 2
ICSR2
8
8
2, 3 PCLKB
2 ICLK
0008 830Ah
RIIC0
Slave Address Register L0
SARL0
8
8
2, 3 PCLKB
2 ICLK
0008 830Ah
RIIC0
Timeout Internal Counter L
TMOCNTL
8
8
2, 3 PCLKB
2 ICLK
0008 830Bh
RIIC0
Slave Address Register U0
SARU0
8
8
2, 3 PCLKB
2 ICLK
0008 830Bh
RIIC0
Timeout Internal Counter U
TMOCNTU
8
8*2
2, 3 PCLKB
2 ICLK
0008 830Ch
RIIC0
Slave Address Register L1
SARL1
8
8
2, 3 PCLKB
2 ICLK
0008 830Dh
RIIC0
Slave Address Register U1
SARU1
8
8
2, 3 PCLKB
2 ICLK
0008 830Eh
RIIC0
Slave Address Register L2
SARL2
8
8
2, 3 PCLKB
2 ICLK
0008 830Fh
RIIC0
Slave Address Register U2
SARU2
8
8
2, 3 PCLKB
2 ICLK
0008 8310h
RIIC0
I2C Bus Bit Rate Low-Level Register
ICBRL
8
8
2, 3 PCLKB
2 ICLK
0008 8311h
RIIC0
I2C Bus Bit Rate High-Level Register
ICBRH
8
8
2, 3 PCLKB
2 ICLK
0008 8312h
RIIC0
I2C Bus Transmit Data Register
ICDRT
8
8
2, 3 PCLKB
2 ICLK
0008 8313h
RIIC0
I2C Bus Receive Data Register
ICDRR
8
8
2, 3 PCLKB
2 ICLK
0008 8320h
RIIC1
I2C Bus Control Register 1
ICCR1
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 8321h
RIIC1
I2C Bus Control Register 2
ICCR2
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 8322h
RIIC1
I2C Bus Mode Register 1
ICMR1
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 8323h
RIIC1
I2C Bus Mode Register 2
ICMR2
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 8324h
RIIC1
I2C Bus Mode Register 3
ICMR3
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 8325h
RIIC1
I2C Bus Function Enable Register
ICFER
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 8326h
RIIC1
I2C Bus Status Enable Register
ICSER
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 8327h
RIIC1
I2C Bus Interrupt Enable Register
ICIER
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 8328h
RIIC1
I2C Bus Status Register 1
ICSR1
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 8329h
RIIC1
I2C Bus Status Register 2
ICSR2
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 832Ah
RIIC1
Slave Address Register L0
SARL0
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 832Ah
RIIC1
Timeout Internal Counter L
TMOCNTL
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 832Bh
RIIC1
Slave Address Register U0
SARU0
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 832Bh
RIIC1
Timeout Internal Counter U
TMOCNTU
8
8*2
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 832Ch
RIIC1
Slave Address Register L1
SARL1
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 832Dh
RIIC1
Slave Address Register U1
SARU1
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 832Eh
RIIC1
Slave Address Register L2
SARL2
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
0008 832Fh
RIIC1
Slave Address Register U2
SARU2
8
8
2, 3 PCLKB
2 ICLK
Not present in versions
with 112, 100, 64, or 48
pins.
Table 4.1
List of I/O Registers (Address Order) (15/48)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access States
Module
Name
Remarks
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com