Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563TBAGFB Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F563TBAGFB
Description  100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563TBAGFB Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F563TBAGFB Datasheet HTML 9Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 10Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 11Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 12Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 13Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 14Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 15Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 16Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 186 page
background image
R01DS0087EJ0220 Rev.2.20
Page 13 of 186
Mar 31, 2016
RX63T Group
1. Overview
Note: • Orderable part numbers are current as of when this manual was published. Please make sure to refer to the relevant product
page on the Renesas website for the latest part numbers.
Note: • The products with the product ID code 1 (ex. R5F563TEADFB#V1) are the revised version to the specification constraints of
technical update TX-RX*-A84A / E described.
Note 1. Please contact Renesas Electronics sales office for derating of operation under Ta = +85°C to +105°C. Derating is the
systematic reduction of load for the sake of improved reliability.
RX63T
R5F563TBAGFA
R5F563TBAGFA#V1
PLQP0120KA-A
256 Kbytes
24 Kbytes
CAN module
included
VCC/
PLLVCC
4.0 to 5.5V
VCC_USB
3.0 to 3.6V
AVCC/
AVCC0 4.0
to 5.5V
-40 to +105°C
(G Version)*1
R5F563TBAGFH
R5F563TBAGFH#V1
PLQP0112JA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBAGFP
R5F563TBAGFP#V1
PLQP0100KB-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TEBGFB
R5F563TEBGFB#V1
PLQP0144KA-A
512 Kbytes
48 Kbytes
CAN module
included
VCC/
PLLVCC/
VCC_USB
2.7 to 3.6V
AVCC/
AVCC0 3.0
to 3.6V or
4.0 to 5.5V
R5F563TEBGFA
R5F563TEBGFA#V1
PLQP0120KA-A
512 Kbytes
48 Kbytes
CAN module
included
R5F563TEBGFH
R5F563TEBGFH#V1
PLQP0112JA-A
512 Kbytes
48 Kbytes
CAN module
included
R5F563TEBGFP
R5F563TEBGFP#V1
PLQP0100KB-A
512 Kbytes
48 Kbytes
CAN module
included
R5F563TCBGFB
R5F563TCBGFB#V1
PLQP0144KA-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TCBGFA
R5F563TCBGFA#V1
PLQP0120KA-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TCBGFH
R5F563TCBGFH#V1
PLQP0112JA-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TCBGFP
R5F563TCBGFP#V1
PLQP0100KB-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TBBGFB
R5F563TBBGFB#V1
PLQP0144KA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBGFA
R5F563TBBGFA#V1
PLQP0120KA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBGFH
R5F563TBBGFH#V1
PLQP0112JA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBGFP
R5F563TBBGFP#V1
PLQP0100KB-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563T6EGFM
R5F563T6EGFM#V0
PLQP0064KB-A
64 Kbytes
8 Kbytes
CAN module
not included
VCC/
PLLVCC
2.7 to 3.6V
AVCC0 3.0
to 3.6V
R5F563T5EGFM
R5F563T5EGFM#V0
PLQP0064KB-A
48 Kbytes
8 Kbytes
CAN module
not included
R5F563T4EGFM
R5F563T4EGFM#V0
PLQP0064KB-A
32 Kbytes
8 Kbytes
CAN module
not included
R5F563T6EGFL
R5F563T6EGFL#V0
PLQP0048KB-A
64 Kbytes
8 Kbytes
CAN module
not included
R5F563T5EGFL
R5F563T5EGFL#V0
PLQP0048KB-A
48 Kbytes
8 Kbytes
CAN module
not included
R5F563T4EGFL
R5F563T4EGFL#V0
PLQP0048KB-A
32 Kbytes
8 Kbytes
CAN module
not included
Table 1.3
List of Products (4/4)
Group
Part No.
Order Part No.
Package
On-chip ROM
Capacity
On-chip RAM
Capacity
Option
Operating
Voltage
Operating
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com