Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563TBAGFB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F563TBAGFB
Description  100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563TBAGFB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F563TBAGFB Datasheet HTML 7Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 8Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 9Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 10Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 11Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 12Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 13Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 14Page - Renesas Technology Corp R5F563TBAGFB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 186 page
background image
R01DS0087EJ0220 Rev.2.20
Page 11 of 186
Mar 31, 2016
RX63T Group
1. Overview
RX63T
R5F563TCDDFB
R5F563TCDDFB#V0
PLQP0144KA-A
384 Kbytes
32 Kbytes
CAN module
not included
VCC/
PLLVCC
4.0 to 5.5V
VCC_USB
3.0 to 3.6V
AVCC/
AVCC0 4.0
to 5.5V
-40 to +85°C
(D Version)
R5F563TCDDFA
R5F563TCDDFA#V0
PLQP0120KA-A
384 Kbytes
32 Kbytes
CAN module
not included
R5F563TCDDFH
R5F563TCDDFH#V0
PLQP0112JA-A
384 Kbytes
32 Kbytes
CAN module
not included
R5F563TCDDFP
R5F563TCDDFP#V0
PLQP0100KB-A
384 Kbytes
32 Kbytes
CAN module
not included
R5F563TBDDFB
R5F563TBDDFB#V0
PLQP0144KA-A
256 Kbytes
24 Kbytes
CAN module
not included
R5F563TBDDFA
R5F563TBDDFA#V0
PLQP0120KA-A
256 Kbytes
24 Kbytes
CAN module
not included
R5F563TBDDFH
R5F563TBDDFH#V0
PLQP0112JA-A
256 Kbytes
24 Kbytes
CAN module
not included
R5F563TBDDFP
R5F563TBDDFP#V0
PLQP0100KB-A
256 Kbytes
24 Kbytes
CAN module
not included
R5F563TEBDFB
R5F563TEBDFB#V0
PLQP0144KA-A
512 Kbytes
48 Kbytes
CAN module
included
VCC/
PLLVCC/
VCC_USB
2.7 to 3.6V
AVCC/
AVCC0 3.0
to 3.6V or
4.0 to 5.5V
R5F563TEBDFB
R5F563TEBDFB#V1
PLQP0144KA-A
512 Kbytes
48 Kbytes
CAN module
included
R5F563TEBDFA
R5F563TEBDFA#V0
PLQP0120KA-A
512 Kbytes
48 Kbytes
CAN module
included
R5F563TEBDFA
R5F563TEBDFA#V1
PLQP0120KA-A
512 Kbytes
48 Kbytes
CAN module
included
R5F563TEBDFH
R5F563TEBDFH#V0
PLQP0112JA-A
512 Kbytes
48 Kbytes
CAN module
included
R5F563TEBDFH
R5F563TEBDFH#V1
PLQP0112JA-A
512 Kbytes
48 Kbytes
CAN module
included
R5F563TEBDFP
R5F563TEBDFP#V0
PLQP0100KB-A
512 Kbytes
48 Kbytes
CAN module
included
R5F563TEBDFP
R5F563TEBDFP#V1
PLQP0100KB-A
512 Kbytes
48 Kbytes
CAN module
included
R5F563TCBDFB
R5F563TCBDFB#V0
PLQP0144KA-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TCBDFB
R5F563TCBDFB#V1
PLQP0144KA-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TCBDFA
R5F563TCBDFA#V0
PLQP0120KA-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TCBDFA
R5F563TCBDFA#V1
PLQP0120KA-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TCBDFH
R5F563TCBDFH#V0
PLQP0112JA-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TCBDFH
R5F563TCBDFH#V1
PLQP0112JA-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TCBDFP
R5F563TCBDFP#V0
PLQP0100KB-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TCBDFP
R5F563TCBDFP#V1
PLQP0100KB-A
384 Kbytes
32 Kbytes
CAN module
included
R5F563TBBDFB
R5F563TBBDFB#V0
PLQP0144KA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBDFB
R5F563TBBDFB#V1
PLQP0144KA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBDFA
R5F563TBBDFA#V0
PLQP0120KA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBDFA
R5F563TBBDFA#V1
PLQP0120KA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBDFH
R5F563TBBDFH#V0
PLQP0112JA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBDFH
R5F563TBBDFH#V1
PLQP0112JA-A
256 Kbytes
24 Kbytes
CAN module
included
Table 1.3
List of Products (2/4)
Group
Part No.
Order Part No.
Package
On-chip ROM
Capacity
On-chip RAM
Capacity
Option
Operating
Voltage
Operating
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com