Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9705SEFL/RV Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM9705SEFL/RV
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705SEFL/RV Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM9705SEFL/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
20
enhancement applied. It can also be bypassed if desired. This function is enabled by setting the
bit POP in Register 20h.
VARIABLE SAMPLE RATE SUPPORT
The DACs and ADCs on this device support all the recommended sample rates specified in the
Intel AC’97 rev2.1 and rev2.2 specifications for audio rates. The default rate is 48ks/s. If
alternative rates are selected and variable rate audio is enabled (Register 2Ah, bit 0), the AC’97
interface continues to run at 48k words per second, but data is transferred across the link in
bursts such that the net sample rate selected is achieved. It is up to the AC’97 Revision 2.1/2
compliant controller to ensure that data is supplied to the AC link, and received from the AC link,
at the appropriate rate.
Variable rates are selected by writing to registers 2Ch (DAC) and 32h (ADC). ADC and DAC rates
may be set independently, with left and right channels always at the same rate. Note that register
2Ch should only be written to when the DAC is powered ON, similarly register 32h should only be
written to when the ADC is powered ON (see register 26h for power control). The device supports
on demand sampling. That is, when the DAC signal processing circuits need another sample, a
sample request is sent to the controller which must respond with a data sample in the next frame
it sends. For example, if a rate of 24ks/s is selected, on average the device will request a sample
from the controller every other frame, for each of the stereo DACs. Note that if an unsupported
rate is written to one of the rate registers, the rate will default to the nearest rate supported. The
Register will then respond, when interrogated, with the supported rate the device has defaulted to.
The WM9705 clocks will scale automatically dependent upon the MCLK frequency, where MCLK
is not equal to 24.576MHz. With a 24MHz clock the BCLK frequency expected will be 12MHz and
the sampling frequency (SYNC0 expected is BCLK/256 = 46.875kHz.
AUDIO
SAMPLE RATE
CONTROL VALUE
D15-D0
8000
1F40
11025
2B11
16000
3E80
22050
5622
32000
7D000
44100
AC44
48000
BB80
Table 1 Variable Sample Rates Supported
SPDIF OR I
2S DIGITAL AUDIO DATA OUTPUT
The WM9705 SPDIF output may be enabled in hardware by holding pin 44 (SPEN) high when
RESETB is taken high, or by writing to the SPDIF control bit in register 2Ah. If SPDIF pin 48 is
pulled high at start-up by a weak pull-up (e.g. 100k), then SPDIF capability bit in register 28h is
set to ‘0’, i.e. no SPDIF capability. This allows for stuffing options, so that when SPDIF external
components are not provided, the driver will see ‘no SPDIF capability’ and ‘grey out’ the relevant
boxes in the control panel.
Additionally the digital audio may be output in I
2S format using pin 44 (SPEN) as the data output,
and outputting a frame clock or LRCLK onto pin 43. The data is clocked onto pin 44 using the
regular BITCLK at 256fs, which would also then be used as the MCLK if the data is taken to an
external DAC. Operation in this mode is selected by setting bit I
2S in register 5Ch. A 64fs bitclk is
also available and can be output on SPDIF by setting bit I2S64 in register 74h. Note that I
2S
operation is only supported for 48ks/s operation. Hardware selection of SPDIF operation by
pulling pin SPEN ‘hi’ is compatible with I
2S operation, provided a weak pull-up (circa 100k) was
used to hold SPEN high at start-up. The SPEN pin becomes I
2S data output pin when I2S is
enabled, and the weak pull-up on this pin is overdriven.
For both SPDIF and I
2S modes the data that is output may be sent from the WM9705 via the AC
link in the same slots as normal DAC data or may be sent in different slots. The output slots that
contain the SPDIF/I
2S data are selected by bits SPSA[1:0] in register 2Ah. WM9705 is compliant
with AC’97 rev2.2 specification with regard to slot mapping; therefore the default mode of
operation is to output SPDIF or I
2S data from the next data slots available after the audio data
slots currently in use. Alternatively if required, data may be mapped from any of the available
slots by selection using SPSA bits. The following table shows the default slot mapping for audio
DACs and SPDIF/I
2S data: (further details in the register description section later).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com