Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9705SEFL/RV Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM9705SEFL/RV
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705SEFL/RV Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM9705SEFL/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
28
A new audio input frame begins with a low to high transition of SYNC as shown in Figure 15.
SYNC is synchronous to the rising edge of BITCLK. On the immediately following falling edge of
BITCLK, the WM9705 samples the assertion of SYNC. This falling edge marks the time when
both sides of AC-link are aware of the start of a new audio frame. On the next rising edge of
BITCLK, the AC’97 controller transitions SDATAIN into the first bit position of slot 0 (valid frame
bit). Each new bit position is presented to AC-link on a rising edge of BITCLK, and subsequently
sampled by the AC’97 controller on the following falling edge of BITCLK. This sequence ensures
that data transitions and subsequent sample points for both incoming and outgoing data streams
are time aligned.
SDATAIN’s composite stream is MSB justified (MSB first) with all non-valid bit positions (for
assigned and/or unassigned time slots) stuffed with 0’s by the WM9705. SDATAIN is sampled on
the falling edges of BITCLK.
SLOT 1: STATUS ADDRESS PORT
The status port is used to monitor status for the WM9705 functions including, but not limited to,
mixer settings, and power management.
Audio input frame slot 1 echoes the control register index, for historical reference, for the data to
be returned in slot 2. (Assuming that slots 1 and 2 had been tagged valid by the WM9705 during
slot 0).
Bit (19)
RESERVED (stuffed with 0s)
Bit (18:12)
Control register index (echo of register index for which data is
being returned)
Bit (11:2)
Variable Sample Rate SLOTREQ bits
Bit[1:0]
RESERVED (stuffed with 0s)
Table 5 Status Address Port Bit Assignments
The first bit (MSB) generated by the WM9705 is always stuffed with a 0. The following 7 bit
positions communicate the associated control register address. The next 10 bits support the
AC'97 Rev 2.2 variable sample rate signaling protocol and the trailing 2 bit positions are stuffed
with 0s by the codec.
SLOT 2: STATUS DATA PORT
The status data port delivers 16-bit control register read data.
Bit (19:4)
Control register read data (stuffed with 0s if tagged invalid by
WM9705)
Bit (3:0)
RESERVED (stuffed with 0s)
Table 6 Status Data Port Bit Assignments
If slot 2 is tagged invalid by the WM9705, then the entire slot will be stuffed with 0s by the
WM9705.
SLOTS 3 AND 4: PCM RECORD LEFT AND RIGHT CHANNELS
Audio input frame slots 3 and 4 are the left and right channel outputs of the WM9705’s audio
ADC. Note that this data may alternatively be mapped onto slots 6 and 9, or 7 and 8 under control
of the mapping bits ASS[1:0] in register 5Ch. The WM9705 sends out its ADC output data (MSB
first), and stuffs any trailing non-valid bit positions with 0s to fill out its 20-bit time slot.
SLOT 5: OPTIONAL MODEM LINE ADC
This slot is not supported by WM9705 in AC’97 compliant mode - this may be determined by the
AC’97 controller interrogating the WM9705 Reset Register, 00h. However, Pen ADC data may be
output in this slot, selected by SLT[2:0] in register 76h.
SLOTS 6 AND 9:
These data slots may be utilised by the WM9705 to output audio data under control of the
mapping bits ASS[1:0] in register 5Ch, allowing implementation of multi-channel systems. These
slots may also be used to output Pen ADC data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com