Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9705SEFL/RV Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM9705SEFL/RV
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705SEFL/RV Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM9705SEFL/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
22
When a headphone is connected the low impedance to ground of the headset pulls down the DC
level to near ground. If a headset with microphone is plugged in, the high impedance of the
microphone does not pull down the DC level on the tip connection, the DC on this pin now rising
to near positive supply. This change in DC level is detected, so allowing detection of change from
headphone to microphone, (or nothing plugged in of course). When this event is detected, the
headphone amplifier that drives the tip connection is turned off, and the signal on this pin is
routed instead to the MIC1 input as a microphone input.
This auto-detect comparator is enabled by setting bit HSCMP. The pull-up current is enabled by
setting bit MPUEN in register 5Ch and also toggles the interrupt signal on the PENDET pin.
When bit HSDT is set the mic1 input is connected to a comparator with a threshold set at mid-
rail. When the comparator output is low, then the headphone driver is enabled. When the
comparator output goes high (that is the pull-up current multiplied by the external impedance to
ground on the mic1 pin is greater than mid-rail), the headphone amplifier is turned off and the
mic1 signal is taken internally from the headphone output pin (39).
RIGHT
MIXER
HPOUTL
HPOUTR
L
R
LEFT
MIXER
HPGND
HEAD
PHONE
MIC
UP: MONO HEADSET WITH MIC
DOWN: STEREO HEADPHONE
HSEN
reg 5Ch
MIC1
MIC2
OFF
(hi-Z)
'1'
'0'
HSDT
reg 5Ch
INTERNAL
MIC
MIC AMP
'1'
'0'
MPUEN
reg 5Ch
5mA
VMID
HSCP
reg 5Ch
PEN
LOGIC
PENDET
HPVOL
reg 04h
MS
reg 20h
+
-
HSCMP
reg 5Ch
Figure 10 Headset Autodetect
Figure 10 shows this function schematically. The output signal from the comparator is accessible
by reading bit HSCP in register 5Ch. Auto detect may be used by setting HSEN bit, or external
control by using the HSDT bit which is an over-ride that forces the headset tri-state and
microphone path switching function to occur.
This function would allow, for example, a stereo headphone to be used that had a microphone in
the connecting lead, and a switch. The switch changes the headphone into a mono headset with
microphone connected via the tip connection on the jack. If used in a product such as an MP3
capable phone it would allow the user to switch from headphone use to headset use by simply
switching a single switch in the headphone cable, so at the same time answering or initiating
telephone calls. It may also be possible to use the pull-up current to provide so called ‘phantom
power’ to dynamic microphones with appropriate choice of microphone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com