Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT8010 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT8010
Description  312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8010 Datasheet(HTML) 5 Page - Exar Corporation

  XRT8010 Datasheet HTML 1Page - Exar Corporation XRT8010 Datasheet HTML 2Page - Exar Corporation XRT8010 Datasheet HTML 3Page - Exar Corporation XRT8010 Datasheet HTML 4Page - Exar Corporation XRT8010 Datasheet HTML 5Page - Exar Corporation XRT8010 Datasheet HTML 6Page - Exar Corporation XRT8010 Datasheet HTML 7Page - Exar Corporation XRT8010 Datasheet HTML 8Page - Exar Corporation XRT8010 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
XRT8010
REV. 1.0.2
312MHZCLOCK&CRYSTAL MULTIPLIERWITHLVDSOUTPUTS
4
Power on Calibration time
5
ms
After VDD reaches 2.8V
NOTE: Calibration time
= 16,000 clock
cycles
Max Frequency Out
FOUT
140
170
MHz
156 MHz nominal FOUT (see Table 1)
Max Frequency Out
FOUT
285
340
MHz
312 MHz nominal FOUT (see Table 1)
Rise time
TR
300
ps
CL = 5pF, RL = 100
Ω (20% − 80%)
Fall Time
TF
300
ps
CL = 5pF, RL = 100
Ω (20% − 80%)
Duty cycle
45
55
%
LVDS output
Differential Output Skew
10
ps
See Figure 3
Output Loading
100
Ω
Output voltage Swing
250
450
mV
Differential (OUTP-OUTN)
CommonModeVoltage
VCM
1.2
V
Output short circuit current
-5.7
-8
mA
Current limit to ground, VDD or Vp to Vn
Cycle-to-Cycle Jitter
3
ps
rms, at 156 MHz, Input referred
Cycle-to-Cycle Jitter
3
ps
rms, at 312 MHz, Input referred
Intinsic Jitter
16
ps
rms, over 1,000 cycles, at 156 MHz
Intinsic Jitter
16
ps
rms, over 1,000 cycles, at 312 MHz
Spectral Density of Phase
Noise L(f)
PARAMETER
COVERSION
TYPICAL
Single Side Band Phase Noise L(f)
320MHz @ 100Hz Offset
-77.75 dbc/Hz
320MHz @ 1kHz Offset
-100.69 dbc/Hz
320MHz @ 10kHz Offset
-95.38 dbc/Hz
320MHz @ 100kHz Offset
-99.40 dbc/Hz
320MHz @ 1MHz Offset
-105.05 dbc/Hz
320MHz @ 10MHz Offset
-119.03 dbc/Hz
TABLE 1: CATEGORY II INTRINSIC JITTER PER TELCORDIA GR-253-CORE (AT 155MHZ)
JITTER BANDWIDTH
JITTER (RMS)
JITTER (UIRMS)
12kHz - 1.3MHz
5.74
0.0009
12kHz - 5MHz
7.89
0.0012
12kHz - 20MHz
8.99
0.0014
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com