Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT8010 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT8010
Description  312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8010 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT8010 Datasheet HTML 3Page - Exar Corporation XRT8010 Datasheet HTML 4Page - Exar Corporation XRT8010 Datasheet HTML 5Page - Exar Corporation XRT8010 Datasheet HTML 6Page - Exar Corporation XRT8010 Datasheet HTML 7Page - Exar Corporation XRT8010 Datasheet HTML 8Page - Exar Corporation XRT8010 Datasheet HTML 9Page - Exar Corporation XRT8010 Datasheet HTML 10Page - Exar Corporation XRT8010 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
XRT8010
REV. 1.0.2
312MHZCLOCK&CRYSTAL MULTIPLIERWITHLVDSOUTPUTS
6
1.0
CALIBRATION
The XRT8010 synthesizer jitter performance is optimized by calibration of its Voltage Controlled Oscillator
(VCO) upon initial power application. This power ON calibration procedure is automatic and completely trans-
parent to the user. It is initiated automatically upon first application of VDD. In order to bring the center fre-
quency of the VCO close to the desired output frequency, the VCO bias current is adjusted via a current DAC
at initial power application. The center frequency of VCO is checked against input reference frequency and cal-
ibrated internally to the desired output frequency value. These bias voltage trim bits are then held in latches for
as long as the VDD is held above 2.7V (minimum specified operational value of VDD). The user should note
the following important facts about this calibration procedure for proper operation of the XRT8010:
• For proper operation of the chip and to achieve lowest jitter, the user should follow layout guidelines as
described in the User Guide.
• An input crystal of appropriate frequency should be connected at XTAL1 and XTAL2 pins before power is
applied to the chip.
• All VDD pins should be tied to 3.3V ±10% simultaneously.
• The power supply should turn on without bouncing below 2.0V smoothly to its specified value in no more
than 50msec.
• The calibration takes place during VDD ramp up between 2.6V to 3V values. Once the VDD reaches and
maintains 3.0V, the chip retains the calibrated VCO bias voltages in internal latches for proper operation.
• To change a widely different value of crystal or input reference frequency, it is recommended to power
down the chip by bringing VDD to 0V and restarting after the change in frequency has occurred.
2.0
CRYSTAL SELECTION
It is recommended that a Fundamental Mode Crystal be used as the timing reference of the XRT8010. The fol-
lowing part has been qualified by EXAR:
CITIZEN Quartz Crystals
20 MHz : HCM49-20.000MABJT
40 MHz : HCM49-40.000MABJT
3.0
DATA AND PLOTS
All plots were recorded using the following parameters and test setup:
• VDD = 3.3 V
• 2” 100
Ω Differential Transmission Lines (from LVDS outputs to receiver inputs)
• Fundamental Mode Crystal of 20 MHz
• Vref = 1.5 V (PECL Receiver)
TABLE 3: POWER-DOWN AND OUTPUT TRI-STATE SELECTION TABLE
PD PIN 8OE PIN 7STATUS
NOTES
1
X
Outputs tri-stated and chip Powered-down “X” = don't care
0
1
Output tri-stated
PD and OE have a 50K
Ω pull-down resistor to ground
on chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com