Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT8010 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT8010
Description  312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8010 Datasheet(HTML) 1 Page - Exar Corporation

  XRT8010 Datasheet HTML 1Page - Exar Corporation XRT8010 Datasheet HTML 2Page - Exar Corporation XRT8010 Datasheet HTML 3Page - Exar Corporation XRT8010 Datasheet HTML 4Page - Exar Corporation XRT8010 Datasheet HTML 5Page - Exar Corporation XRT8010 Datasheet HTML 6Page - Exar Corporation XRT8010 Datasheet HTML 7Page - Exar Corporation XRT8010 Datasheet HTML 8Page - Exar Corporation XRT8010 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
XRT8010
312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
NOVEMBER 2003
REV. 1.0.2
DESCRIPTION
The XRT8010 is a monolithic analog phase locked
loop that provides a high frequency LVDS clock
output, using a low frequency crystal or reference
clock. It is designed for SONET/SDH and other low
jitter applications.The high performance of the IC
provides a very low jitter LVDS clock output up to 320
MHz, while operating at 3.3 volts. The XRT8010 has
a selectable 8x or 16x internal multiplier for an
external crystal or signal source. The Output Enable
pin provides a true disconnect for the LVDS output.
The very compact (4 x 4 mm) low inductance
package is ideal for high frequency operation.
APPLICATIONS
• Gigabit Ethernet
• SONET/SDH
• SPI-4 Phase 2
• 8x or 16x Clock Multiplier for
s
Computer
s
Telecommunications Sytems
FEATURES
• 156 or 320 MHz Operating Range
• Low Output Jitter:
s
0.0009 UIRMS typical @ 155.52 MHz, per
Telcordia GR-253-CORE for OC-3.
• On Chip Crystal Oscillator Circuit
s
Optimized for 15 to 40 MHz crystals
s
Uses parallel fundamental mode
• Selectable 8x or 16x multiplier
• Selectable ÷1 or ÷2 LVDS output
• LVDS output meets TIA/EIA 644A Specification
(2001)
• 3.3V Low power CMOS: <80 mW typical
• -40°C to +85°C operating temperature
• Extremely small 16-lead QFN package
FIGURE 1. XRT8010 BLOCK DIAGRAM
O
GN D
FS 1
OE
AG N D
PD
AG ND
(C ry stal)
FS 0
AG N D
15-40 M H z
Crys tal
XTAL1
XTAL2
O sc illator
Circuit &
Input B uffer
VC O
C alibration Logic
P has e
Detec tor
C harge
Pum p
Loop
Filter
VC O
Selectable
÷÷÷÷ 1or ÷÷÷÷ 2
Div ider
LV D S O utput
F eedbac k D iv ider
÷÷÷÷ 8or 16
V oltage R eferenc e
&
B ias G enerator
R
EX T
10k
Ω
AV
DD
AV
DD
OV
DD
+3.3V
12 - 2 0 p F
12 - 2 0 p F
X R T 801 0
OU TP
OU TN


Similar Part No. - XRT8010

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000 EXAR-XRT8000 Datasheet
611Kb / 24P
Clock Synchronizer/Adapter for Communications
XRT8000D EXAR-XRT8000D Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000ID EXAR-XRT8000ID Datasheet
611Kb / 24P
Clock Synchronizer/Adapter for Communications
XRT8000IP EXAR-XRT8000IP Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
More results

Similar Description - XRT8010

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552-01 ICST-ICS552-01 Datasheet
62Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
logo
Exar Corporation
XRT8020 EXAR-XRT8020 Datasheet
425Kb / 12P
650 MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
logo
Integrated Circuit Syst...
ICS844001I ICST-ICS844001I Datasheet
162Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. A JUNE 16, 2005
ICS844023I ICST-ICS844023I Datasheet
153Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. B JANUARY 6, 2006
ICS844251I-15 ICST-ICS844251I-15 Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
REV. A NOVEMBER 23, 2005
ICS552-01A ICST-ICS552-01A Datasheet
44Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
logo
Integrated Device Techn...
ICS844071 IDT-ICS844071 Datasheet
1Mb / 15P
FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
ICS844N255I IDT-ICS844N255I Datasheet
1Mb / 21P
Six differential LVDS clock outputs
logo
Analog Devices
AD9528 AD-AD9528_18 Datasheet
1Mb / 67P
JESD204B Clock Generator with 14 LVDS/HSTL Outputs
10/2014-Revision 0
logo
Renesas Technology Corp
ICS844625I RENESAS-ICS844625I Datasheet
523Kb / 25P
Crystal-to-LVDS Clock Synthesizer
JUNE 3, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com