Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT86A36 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT86A36
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86A36 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT86A36 Datasheet HTML 18Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 19Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 20Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 21Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 22Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 23Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 24Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 25Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.10
22
December 12, 2012
The following example shows how to clear a section of four RAM locations already defined as locations adres1 to
adres4.
data .section
¢data¢
adres1
db ?
adres2
db ?
adres3
db ?
adres4
db ?
block
db ?
code .section at 0
¢code¢
org
00h
start:
mov a,04h
; setup size of block
mov block,a
mov a,offset adres1; Accumulator loaded with first RAM address
mov mp0,a
; setup memory pointer with first RAM address
loop:
clr IAR0
; clear the data at address defined by MP0
inc mp0
; increment memory pointer
sdz block
; check if last memory location has been cleared
jmp loop
continue:
The important point to note here is that in the example shown above, no reference is made to specific RAM addresses.
Bank Pointer
- BP
The RAM Data Memory is divided into two Banks,
known as Bank 0 and Bank 1. With the exception of the
BP register, all of the Special Purpose Registers and
General Purpose Registers are contained in Bank 0. If
data in Bank 0 is to be accessed, then the BP register
must be loaded with the value "00", while if data in Bank
1 is to be accessed, then the BP register must be loaded
with the value
²01².
Using Memory Pointer MP0 and Indirect Addressing
Register IAR0 will always access data from Bank 0, irre-
spective of the value of the Bank Pointer.
The Data Memory is initialised to Bank 0 after a reset,
except for the WDT time-out reset in the Power Down
Mode, in which case, the Data Memory bank remains
unaffected. It should be noted that Special Function
Data Memory is not affected by the bank selection,
which means that the Special Function Registers can be
accessed from within either Bank 0 or Bank 1. Directly
addressing the Data Memory will always result in Bank 0
being accessed irrespective of the value of the Bank
Pointer.
Accumulator
- ACC
The Accumulator is central to the operation of any
microcontroller and is closely related with operations
carried out by the ALU. The Accumulator is the place
where all intermediate results from the ALU are stored.
Without the Accumulator it would be necessary to write
the result of each calculation or logical operation such
as addition, subtraction, shift, etc., to the Data Memory
resulting in higher programming and timing overheads.
Data transfer operations usually involve the temporary
storage function of the Accumulator; for example, when
transferring data between one user defined register and
another, it is necessary to do this by passing the data
through the Accumulator as no direct transfer between
two registers is permitted.
Program Counter Low Register
- PCL
To provide additional program control functions, the low
byte of the Program Counter is made accessible to pro-
grammers by locating it within the Special Purpose area
of the Data Memory. By manipulating this register, direct
jumps to other program locations are easily imple-
mented. Loading a value directly into this PCL register
will cause a jump to the specified Program Memory lo-
cation, however, as the register is only 8-bit wide, only
jumps within the current Program Memory page are per-
mitted. When such operations are used, note that a
dummy cycle will be inserted.
B a n k P o i n t e r
b 7
b 0
B P 0
B P 0
D a t a M e m o r y
0
B a n k 0
1
B a n k 1
N o t u s e d , m u s t b e r e s e t t o " 0 "
Bank Pointer
- BP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com