Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT86A36 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT86A36
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86A36 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT86A36 Datasheet HTML 34Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 35Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 36Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 37Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 38Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 39Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 40Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 41Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.10
38
December 12, 2012
Oscillator
Various oscillator options offer the user a wide range of
functions according to their various application require-
ments. Two types of system clocks can be selected
while various clock source options for the Watchdog
Timer are provided for maximum flexibility. All oscillator
options are selected through the configuration options.
The two methods of generating the system clock are:
· External crystal/resonator oscillator
· External RC oscillator
One of these two methods must be selected using the
configuration options.
More information regarding the oscillator is located in
Application Note HA0075E on the Holtek website.
External Crystal/Resonator Oscillator
The simple connection of a crystal across OSC1 and
OSC2 will create the necessary phase shift and feed-
back for oscillation, and will normally not require exter-
nal capacitors. However, for some crystals and most
resonator types, to ensure oscillation and accurate fre-
quency generation, it may be necessary to add two
small value external capacitors, C1 and C2. The exact
values of C1 and C2 should be selected in consultation
with the crystal or resonator manufacturer
¢s specifica-
tion. The external parallel feedback resistor, Rp, is nor-
mally not required but in some cases may be needed to
assist with oscillation start up.
Internal Ca, Cb, Rf Typical Values @ 5V, 25
°C
Ca
Cb
Rf
11~13pF
13~15pF
800k
W
Oscillator Internal Component Values
External RC Oscillator
Using the external system RC oscillator requires that an
external resistor is connected. For the Mask version de-
vice a value of between 120k
W and 280kW is required
For the OPT device a value of between 40k
W and 90kW
is required. This external resistor is connected between
OSC1 and VSS. A clock signal, with a frequency of the
generated system clock divided by 4, will be provided on
OSC2 as an output which can be used for external syn-
chronisation purposes. Note that as the OSC2 output is
an NMOS open-drain type, a pull high resistor should be
connected if it to be used to monitor the internal fre-
quency. Although this is a cost effective oscillator con-
figuration, the oscillation frequency can vary with VDD,
temperature and process variations and is therefore not
suitable for applications where timing is critical or where
accurate oscillator frequencies are required. Note that it
is the only microcontroller internal circuitry together with
the external resistor, that determines the frequency of
the oscillator.
Watchdog Timer Oscillator
The WDT oscillator is a fully self-contained free running
on-chip RC oscillator with a typical period of 65
msat5V
requiring no external components. When the device en-
ters the Power Down Mode, the system clock will stop
running but the WDT oscillator continues to free-run and
to keep the watchdog active. However, to preserve
power in certain applications the WDT oscillator can be
disabled via a configuration option.
RTC Oscillator
A 32KHz crystal can be connected to pins XIN and
XOUT to implement an RTC oscillator. The RTC oscilla-
tor is used as a clock source for Timer/Event Counter 3
but must be first enabled using a configuration option. If
the configuration option enables the RTC oscillator then
it will automatically become the clock source for the
Timer/Event Counter 3. The RTC oscillator will continue
to operate even if the HALT instruction is executed and
the device is powered down. It may be necessary to
connect two small capacitors between XIN, XOUT and
ground for correct operation of the RTC.
O S C 1
O S C 2
R f
T o i n t e r n a l
c i r c u i t s
I n t e r n a l
O s c i l l a t o r
C i r c u i t
C 1
C 2
C a
C b
R p
N o t e : 1 . R p i s n o r m a l l y n o t r e q u i r e d .
2 . A l t h o u g h n o t s h o w n O S C 1 / O S C 2 p i n s h a v e a p a r a s i t i c
c a p a c i t a n c e o f a r o u n d 7 p F .
Crystal/Resonator Oscillator
O S C 1
R O S C
O S C 2
f S Y S / 4 N M O S O p e n D r a i n
External RC Oscillator
X O U T
X I N
3 2 7 6 8 H z
RTC Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com