Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT86A36 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT86A36
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86A36 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT86A36 Datasheet HTML 32Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 33Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 34Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 35Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 36Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 37Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 38Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 39Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.10
36
December 12, 2012
The different kinds of resets all affect the internal registers of the microcontroller in different ways. To ensure reliable
continuation of normal program execution after a reset occurs, it is important to know what condition the microcontroller
is in after a particular reset occurs. The following table describes how each type of reset affects each of the
microcontroller internal registers. Note that where more than one package type exists the table will reflect the situation
for the larger package type.
Register
Reset
(Power-on)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
from HALT
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
BP
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
WDTS
0000 0111
0000 0111
0000 0111
0000 0111
uuuu uuuu
STATUS
- - 00 xxxx
- - 1u uuuu
- - uu uuuu
- - 01 uuuu
- - 11 uuuu
INTC
- 000 0000
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
TMR0
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
TMR0C
00
- 0 1000
00
- 0 1000
00
- 0 1000
00
- 0 1000
uu
- u uuuu
TMR1
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
TMR1C
00
- 0 1000
00
- 0 1000
00
- 0 1000
00
- 0 1000
uu
- u uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PCC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PD
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PDC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PE
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PEC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
TMR2
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
TMR2C
00
- 0 1000
00
- 0 1000
00
- 0 1000
00
- 0 1000
uu
- u uuuu
TMR3
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
TMR3C
00
- 0 1000
00
- 0 1000
00
- 0 1000
00
- 0 1000
uu
- u uuuu
INTCH
- 000 - 000
- 000 - 000
- 000 - 000
- 000 - 000
- uuu - uuu
TBHP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
DAL
xxxx
----
uuuu
----
uuuu
----
uuuu
----
uuuu
----
DAH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
VOL
xxx
- ----
xxx
- ----
xxx
- ----
xxx
- ----
uuu
- ----
VOICEC
0000
- 00 -
0000
- 00 -
0000
- 00 -
0000
- 00 -
uuuu
- uu -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com